Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12F615-E/MD Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC12F615-E/MD
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615-E/MD Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC12F615-E/MD Datasheet HTML 160Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 161Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 162Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 163Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 164Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 165Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 166Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 167Page - Microchip Technology PIC12F615-E/MD Datasheet HTML 168Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 167 / 168 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41302A-page 165
PIC12F609/615/12HV609/615
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC12F609, PIC12F609T(1), PIC12HV609, PIC12HV609T(1),
PIC12F615, PIC12F615T(1)), PIC12HV615, PIC12HV615T(1)
VDD range 2.0V to 5.5V (F devices only)
Temperature
Range:
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package:
P
=
Plastic DIP
MD
=
8-lead Plastic Dual Flat, No Lead (4x4x0.9mm)
SN
=
8-lead Small Outline (150 mil)
ST
=
Thin Shrink Small Outline (4.4 mm)
Pattern:
QTP, SQTP or ROM Code; Special Requirements
(blank otherwise)
Examples:
a)
PIC12F615-E/P 301 = Extended Temp., PDIP
package, 20 MHz, QTP pattern #301
b)
PIC12F615-I/SN = Industrial Temp., SOIC
package, 20 MHz
Note 1:
T
= in tape and reel TSSOP and SOIC
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com