Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 234 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 234 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 230Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 231Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 232Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 233Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 234Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 235Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 236Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 237Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 238Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 402 page
background image
PIC18FXX8
DS41159E-page 232
© 2006 Microchip Technology Inc.
19.6
Message Acceptance Filters
and Masks
The message acceptance filters and masks are used to
determine if a message in the message assembly
buffer should be loaded into either of the receive buff-
ers. Once a valid message has been received into the
MAB, the identifier fields of the message are compared
to the filter values. If there is a match, that message will
be loaded into the appropriate receive buffer. The filter
masks are used to determine which bits in the identifier
are examined with the filters. A truth table is shown
below in Table 19-2 that indicates how each bit in the
identifier is compared to the masks and filters to deter-
mine if a message should be loaded into a receive
buffer. The mask essentially determines which bits to
apply the acceptance filters to. If any mask bit is set to
a zero, then that bit will automatically be accepted
regardless of the filter bit.
TABLE 19-2:
FILTER/MASK TRUTH TABLE
As shown in the receive buffer block diagram
(Figure 19-4), acceptance filters RXF0 and RXF1 and
filter mask RXM0 are associated with RXB0. Filters
RXF2, RXF3, RXF4 and RXF5 and mask RXM1 are
associated with RXB1. When a filter matches and a
message is loaded into the receive buffer, the filter
number that enabled the message reception is loaded
into the FILHIT bit(s).
For RXB1, the RXB1CON register contains the
FILHIT<2:0> bits. They are coded as follows:
• 101 = Acceptance Filter 5 (RXF5)
• 100 = Acceptance Filter 4 (RXF4)
• 011 = Acceptance Filter 3 (RXF3)
• 010 = Acceptance Filter 2 (RXF2)
• 001 = Acceptance Filter 1 (RXF1)
• 000 = Acceptance Filter 0 (RXF0)
The coding of the RXB0DBEN bit enables these three
bits to be used similarly to the FILHIT bits and to
distinguish a hit on filter RXF0 and RXF1, in either
RXB0, or after a rollover into RXB1.
• 111 = Acceptance Filter 1 (RXF1)
• 110 = Acceptance Filter 0 (RXF0)
• 001 = Acceptance Filter 1 (RXF1)
• 000 = Acceptance Filter 0
If the RXB0DBEN bit is clear, there are six codes
corresponding to the six filters. If the RXB0DBEN bit is
set, there are six codes corresponding to the six filters
plus two additional codes corresponding to RXF0 and
RXF1 filters that rollover into RXB1.
If more than one acceptance filter matches, the FILHIT
bits will encode the binary value of the lowest
numbered filter that matched. In other words, if filter
RXF2 and filter RXF4 match, FILHIT will be loaded with
the value for RXF2. This essentially prioritizes the
acceptance filters with a lower number filter having
higher priority. Messages are compared to filters in
ascending order of filter number.
The mask and filter registers can only be modified
when the PIC18FXX8 is in Configuration mode. The
mask and filter registers cannot be read outside of
Configuration mode. When outside of Configuration
mode, all mask and filter registers will be read as ‘0’.
FIGURE 19-6:
MESSAGE ACCEPTANCE MASK AND FILTER OPERATION
Mask
bit n
Filter bit n
Message
Identifier
bit n001
Accept or
Reject
bit n
0x
x
Accept
10
0
Accept
10
1
Reject
11
0
Reject
11
1
Accept
Legend:
x
= don’t care
Note:
‘000’ and ‘001’ can only occur if the
RXB0DBEN bit is set in the RXB0CON
register allowing RXB0 messages to
rollover into RXB1.
Acceptance Filter Register
Acceptance Mask Register
RxRqst
Message Assembly Buffer
RXFn0
RXFn1
RXFnn
RXMn0
RXMn1
RXMnn
Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com