Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 263 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 263 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 259Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 260Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 261Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 262Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 263Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 264Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 265Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 266Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 267Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 261
PIC18FXX8
23.1
Control Register
The Low-Voltage Detect Control register controls the
operation of the Low Voltage Detect circuitry.
REGISTER 23-1:
LVDCON: LOW-VOLTAGE DETECT CONTROL REGISTER
U-0
U-0
R-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-1
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
IRVST: Internal Reference Voltage Stable Flag bit
1
= Indicates that the Low-Voltage Detect logic will generate the interrupt flag at the specified
voltage range
0
= Indicates that the Low-Voltage Detect logic will not generate the interrupt flag at the
specified voltage range and the LVD interrupt should not be enabled
bit 4
LVDEN: Low-Voltage Detect Power Enable bit
1
= Enables LVD, powers up LVD circuit
0
= Disables LVD, powers down LVD circuit
bit 3-0
LVDL3:LVDL0: Low-Voltage Detection Limit bits
1111
= External analog input is used (input comes from the LVDIN pin)
1110
= 4.45V min.-4.83V max.
1101
= 4.16V min.-4.5V max.
1100
= 3.96V min.-4.2V max.
1011
= 3.76V min.-4.08V max.
1010
= 3.57V min.-3.87V max.
1001
= 3.47V min.-3.75V max.
1000
= 3.27V min.-3.55V max.
0111
= 2.98V min.-3.22V max.
0110
= 2.77V min.-3.01V max.
0101
= 2.67V min.-2.89V max.
0100
= 2.48V min.-2.68V max.
0011
= 2.37V min.-2.57V max.
0010
= 2.18V min.-2.36V max.
0001
= 1.98V min.-2.14V max.
0000
= Reserved
Note:
LVDL3:LVDL0 modes, which result in a trip point below the valid operating voltage
of the device, are not tested.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com