Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 268 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 268 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 264Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 265Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 266Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 267Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 268Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 269Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 270Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 271Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 272Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 402 page
background image
PIC18FXX8
DS41159E-page 266
© 2006 Microchip Technology Inc.
REGISTER 24-1:
CONFIG1H: CONFIGURATION REGISTER 1 HIGH (BYTE ADDRESS 300001h)
REGISTER 24-2:
CONFIG2L: CONFIGURATION REGISTER 2 LOW (BYTE ADDRESS 300002h)
U-0
U-0
R/P-1
U-0
U-0
R/P-1
R/P-1
R/P-1
—
—
OSCSEN
—
—
FOSC2
FOSC1
FOSC0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5
OSCSEN: Oscillator System Clock Switch Enable bit
1
= Oscillator system clock switch option is disabled (main oscillator is source)
0
= Oscillator system clock switch option is enabled (oscillator switching is enabled)
bit 4-3
Unimplemented: Read as ‘0’
bit 2-0
FOSC2:FOSC0: Oscillator Selection bits
111
= RC oscillator w/OSC2 configured as RA6
110
= HS oscillator with PLL enabled/clock frequency = (4 x FOSC)
101
= EC oscillator w/OSC2 configured as RA6
100
= EC oscillator w/OSC2 configured as divide-by-4 clock output
011
= RC oscillator
010
= HS oscillator
001
= XT oscillator
000
= LP oscillator
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state
U-0
U-0
U-0
U-0
R/P-1
R/P-1
R/P-1
R/P-1
—
—
—
—
BORV1
BORV0
BOREN
PWRTEN
bit 7
bit 0
bit 7-4
Unimplemented: Read as ‘0’
bit 3-2
BORV1:BORV0: Brown-out Reset Voltage bits
11
= VBOR set to 2.0V
10
= VBOR set to 2.7V
01
= VBOR set to 4.2V
00
= VBOR set to 4.5V
bit 1
BOREN: Brown-out Reset Enable bit
1
= Brown-out Reset enabled
0
= Brown-out Reset disabled
bit 0
PWRTEN: Power-up Timer Enable bit
1
= PWRT disabled
0
= PWRT enabled
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value when device is unprogrammed
u = Unchanged from programmed state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com