Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 320 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 320 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 316Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 317Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 318Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 319Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 320Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 321Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 322Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 323Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 324Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 402 page
background image
PIC18FXX8
DS41159E-page 318
© 2006 Microchip Technology Inc.
SUBWFB
Subtract W from f with Borrow
Syntax:
[
label ]
SUBWFB
f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f) – (W) – (C)
→ dest
Status Affected:
N, OV, C, DC, Z
Encoding:
0101
10da
ffff
ffff
Description:
Subtract W and the Carry flag (borrow)
from register ‘f’ (2’s complement
method). If ‘d’ is ‘0’, the result is stored
in W. If ‘d’ is ‘1’, the result is stored back
in register ‘f’ (default). If ‘a’ is ‘0’, the
Access Bank will be selected,
overriding the BSR value. If ‘a’ is ‘1’,
then the bank will be selected as per the
BSR value (default).
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example 1:
SUBWFB REG, 1, 0
Before Instruction
REG
=
0x19
(0001 1001)
W
=
0x0D
(0000 1101)
C
=
0x01
After Instruction
REG
=
0x0C
(0000 1011)
W
=
0x0D
(0000 1101)
C
=
0x01
Z
=
0x00
N
=
0x00
; result is positive
Example 2:
SUBWFB
REG, 0, 0
Before Instruction
REG
=
0x1B
(0001 1011)
W
=
0x1A
(0001 1010)
C
=
0x00
After Instruction
REG
=
0x1B
(0001 1011)
W
=
0x00
C
=
0x01
Z
=
0x01
; result is zero
N
=
0x00
Example 3:
SUBWFB REG, 1, 0
Before Instruction
REG
=
0x03
(0000 0011)
W
=
0x0E
(0000 1101)
C
=
0x01
After Instruction
REG
=
0xF5
(1111 0100)
; [2’s comp]
W
=
0x0E
(0000 1101)
C
=
0x00
Z
=
0x00
N
=
0x01
; result is negative
SWAPF
Swap f
Syntax:
[
label ]
SWAPF f [,d [,a]]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f<3:0>)
→ dest<7:4>,
(f<7:4>)
→ dest<3:0>
Status Affected:
None
Encoding:
0011
10da
ffff
ffff
Description:
The upper and lower nibbles of register
‘f’ are exchanged. If ‘d’ is ‘0’, the result
is placed in W. If ‘d’ is ‘1’, the result is
placed in register ‘f’ (default). If ‘a’ is ‘0’,
the Access Bank will be selected,
overriding the BSR value. If ‘a’ is ‘1’,
then the bank will be selected as per
the BSR value (default).
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write to
destination
Example:
SWAPF
REG
Before Instruction
REG
=
0x53
After Instruction
REG
=
0x35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com