Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 335 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 335 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 331Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 332Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 333Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 334Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 335Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 336Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 337Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 338Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 339Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 333
PIC18FXX8
IDD
Supply Current(2,3,4)
D010
PIC18LFXX8
—
—
—
—
—
—
—
—
—
.7
.7
1.7
1
1
2.5
.7
.7
1.8
2
2
4
2.5
2.5
5
2.5
2.5
4
mA
mA
mA
mA
mA
mA
mA
mA
mA
XT oscillator configuration
VDD = 2.0V, +25°C, FOSC = 4 MHz
VDD = 2.0V, -40°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +85°C, FOSC = 4 MHz
RC oscillator configuration
VDD = 2.0V, +25°C, FOSC = 4 MHz
VDD = 2.0V, -40°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +85°C, FOSC = 4 MHz
RCIO oscillator configuration
VDD = 2.0V, +25°C, FOSC = 4 MHz
VDD = 2.0V, -40°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +85°C, FOSC = 4 MHz
D010
PIC18FXX8
—
—
—
—
—
—
—
—
—
1.7
1.7
1.7
2.5
2.5
2.5
1.8
1.8
1.8
4
4
4
5
5
6
4
5
5
mA
mA
mA
mA
mA
mA
mA
mA
mA
XT oscillator configuration
VDD = 4.2V, +25°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +125°C, FOSC = 4 MHz
RC oscillator configuration
VDD = 4.2V, +25°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +125°C, FOSC = 4 MHz
RCIO oscillator configuration
VDD = 4.2V, +25°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +85°C, FOSC = 4 MHz
VDD = 4.2V, -40°C to +125°C, FOSC = 4 MHz
D010A
PIC18LFXX8
—18
40
μA
LP oscillator, FOSC = 32 kHz, WDT disabled
VDD = 2.0V, -40°C to +85°C
D010A
PIC18FXX8
—
—
60
60
150
180
μA
μA
LP oscillator, FOSC = 32 kHz, WDT disabled
VDD = 4.2V, -40°C to +85°C
VDD = 4.2V, -40°C to +125°C
27.1
DC Characteristics (Continued)
PIC18LFXX8
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18FXX8
(Industrial, Extended)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
-40°C
≤ TA ≤ +125°C for extended
Param
No.
Symbol
Characteristic/
Device
Min
Typ
Max Units
Conditions
Legend: Rows are shaded for improved readability.
Note 1:
This is the limit to which VDD can be lowered in Sleep mode, or during a device Reset, without losing RAM
data.
2:
The supply current is mainly a function of the operating voltage and frequency. Other factors, such as I/O
pin loading and switching rate, oscillator type, internal code execution pattern and temperature, also have
an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD
MCLR = VDD; WDT enabled/disabled as specified.
3:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD and VSS
and all features that add delta current disabled (such as WDT, Timer1 Oscillator, BOR, ...).
4:
For RC oscillator configuration, current through REXT is not included. The current through the resistor can
be estimated by the formula Ir = VDD/2 REXT (mA) with REXT in kOhm.
5:
The LVD and BOR modules share a large portion of circuitry. The
ΔIBOR and ΔILVD currents are not
additive. Once one of these modules is enabled, the other may also be enabled without further penalty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com