Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 341 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 341 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 337Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 338Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 339Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 340Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 341Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 342Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 343Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 344Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 339
PIC18FXX8
TABLE 27-2:
DC CHARACTERISTICS: EEPROM AND ENHANCED FLASH
DC Characteristics
Standard Operating Conditions
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Internal Program Memory
Programming Specifications
D110
VPP
Voltage on MCLR/VPP pin
9.00
—
13.25
V
D113
IDDP
Supply Current during
Programming
——
10
mA
Data EEPROM Memory
D120
ED
Cell Endurance
100K
1M
—
E/W
-40°C to +85°C
D120A
ED
Byte Endurance
10K
100K
—
E/W
+85°C to +125°C
D121
VDRW
VDD for Read/Write
VMIN
—
5.5
V
Using EECON to read/write
VMIN = Minimum operating voltage
D122
TDEW
Erase/Write Cycle Time
—
4
—
ms
D123
TRETD Characteristic Retention
40
—
—
Year
Provided no other specifications
are violated
D124
TREF
Number of Total Erase/Write
Cycles to Data EEPROM before
Refresh*
1M
10M
—
Cycles -40°C to +85°C
D124A
TREF
Number of Total Erase/Write
Cycles before Refresh*
100K
1M
—
Cycles +85°C to +125°C
Program Flash Memory
D130
EP
Cell Endurance
10K
100K
—
E/W
-40°C to +85°C
D130A
EP
Cell Endurance
1000
10K
—
E/W
+85°C to +125°C
D131
VPR
VDD for Read
VMIN
—5.5
V
VMIN = Minimum operating voltage
D132
VIE
VDD for Block Erase
4.5
—
5.5
V
Using ICSP™ port
D132A
VIW
VDD for Externally Timed Erase
or Write
4.5
—
5.5
V
Using ICSP port
D132B
VPEW
VDD for Self-Timed Write
VMIN
—5.5
V
VMIN = Minimum operating voltage
D133
TIE
ICSP Erase Cycle Time
—
4
—
ms
VDD
≥ 4.5V
D133A
TIW
ICSP Erase or Write Cycle Time
(externally timed)
1—
—
ms
VDD
≥ 4.5V
D133A
TIW
Self-Timed Write Cycle Time
—
2
—
ms
D134
TRETD Characteristic Retention
40
—
—
Year
Provided no other specifications
are violated
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
*
See Section 5.8 “Using the Data EEPROM” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com