Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 346 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 346 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 342Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 343Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 344Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 345Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 346Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 347Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 348Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 349Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 350Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 402 page
background image
PIC18FXX8
DS41159E-page 344
© 2006 Microchip Technology Inc.
TABLE 27-7:
PLL CLOCK TIMING SPECIFICATIONS (VDD = 4.2 TO 5.5V)
FIGURE 27-7:
CLKO AND I/O TIMING
TABLE 27-8:
CLKO AND I/O TIMING REQUIREMENTS
Param No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
—FOSC
Oscillator Frequency Range
4
—
10
MHz
HS mode only
—FSYS
On-Chip VCO System Frequency
16
—
40
MHz
HS mode only
—trc
PLL Start-up Time (Lock Time)
—
—
2
ms
—
ΔCLK CLKO Stability (Jitter)
-2
—
+2
%
† Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Param No.
Symbol
Characteristic
Min
Typ
Max
Units Conditions
10
TosH2ckL OSC1
↑ to CLKO ↓
—75
200
ns
(1)
11
TosH2ckH OSC1
↑ to CLKO ↑
—75
200
ns
(1)
12
TckR
CLKO Rise Time
—
35
100
ns
(1)
13
TckF
CLKO Fall Time
—
35
100
ns
(1)
14
TckL2ioV
CLKO
↓ to Port Out Valid
—
—
0.5 TCY + 20
ns
(1)
15
TioV2ckH Port In Valid before CLKO
↑
0.25 TCY + 25
—
—
ns
(1)
16
TckH2ioI
Port In Hold after CLKO
↑
0—
—
ns
(1)
17
TosH2ioV OSC1
↑ (Q1 cycle) to Port Out Valid
—
50
150
ns
18
TosH2ioI
OSC1
↑ (Q2 cycle) to Port
Input Invalid (I/O in hold time)
PIC18FXX8
100
—
—
ns
18A
PIC18LFXX8
200
—
—
ns
19
TioV2osH Port Input Valid to OSC1
↑ (I/O in setup time)
0
—
—
ns
20
TIOR
Port Output Rise Time
PIC18FXX8
—
10
25
ns
20A
PIC18LFXX8
—
—
60
ns
21
TIOF
Port Output Fall Time
PIC18FXX8
—
10
25
ns
21A
PIC18LFXX8
—
—
60
ns
22†
TINP
INT pin High or Low Time
TCY
——
ns
23†
TRBP
RB7:RB4 Change INT High or Low Time
TCY
——
ns
24†
TRCP
RC7:RC4 Change INT High or Low Time
20
—
—
ns
†
These parameters are asynchronous events not related to any internal clock edges.
Note
1:
Measurements are taken in RC mode where CLKO pin output is 4 x TOSC.
Note: Refer to Figure 27-5 for load conditions.
OSC1
CLKO
I/O Pin
(Input)
I/O Pin
(Output)
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
19
18
15
11
12
16
Old Value
New Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com