Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 370 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 370 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 366Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 367Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 368Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 369Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 370Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 371Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 372Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 373Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 374Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 402 page
background image
PIC18FXX8
DS41159E-page 368
© 2006 Microchip Technology Inc.
FIGURE 28-15:
IPD vs. VDD, -40
°C TO +125°C (SLEEP MODE, ALL PERIPHERALS DISABLED)
FIGURE 28-16:
ΔIBOR vs. VDD OVER TEMPERATURE (BOR ENABLED, VBOR = 2.00-2.16V)
0.01
0.1
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
V DD (V )
Typ (+25°C)
Max
(+85°C)
Max
(-40°C to +125°C)
Typical:
statistical mean @ 25°C
Maximum:
mean + 3
σ (-40°C to +125°C)
Minimum:
mean – 3
σ (-40°C to +125°C)
0
10
20
30
40
50
60
70
80
90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
Max (125C)
Max (85C)
Typ (25C)
Device
Held in
Reset
Device
in
Sleep
Max (+125°C)
Max (+85°C)
Typ (+25°C)
Device
Held in
Reset
Device
in
Sleep
Typical:
statistical mean @ 25°C
Maximum:
mean + 3
σ (-40°C to +125°C)
Minimum:
mean – 3
σ (-40°C to +125°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com