Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-I/LSQTP Datasheet(PDF) 387 Page - Microchip Technology

Part # PIC18F258-I/LSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-I/LSQTP Datasheet(HTML) 387 Page - Microchip Technology

Back Button PIC18F258-I/LSQTP Datasheet HTML 383Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 384Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 385Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 386Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 387Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 388Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 389Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 390Page - Microchip Technology PIC18F258-I/LSQTP Datasheet HTML 391Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 385
PIC18FXX8
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A (June 2001)
Original data sheet for the PIC18FXX8 family.
Revision B (May 2002)
Updated information on CAN module, device memory
and register maps, I/O ports and Enhanced CCP.
Revision C (January 2003)
This revision includes the DC and AC Characteristics
Graphs and Tables (see Section 28.0 “DC and AC
Characteristics Graphs and Tables”), Section 27.0
“Electrical Characteristics” have been updated and
CAN certification information has been added.
Revision D (September 2004)
Data Sheet Errata (DS80134 and DS80161) issues
have been addressed and corrected along with minor
corrections to the data sheet text.
Revision E (October 2006)
Packaging diagrams updated.
APPENDIX B:
DEVICE
DIFFERENCES
The differences between the devices listed in this data
sheet are shown in Table B-1.
TABLE B-1:
DEVICE DIFFERENCES
Features
PIC18F248
PIC18F258
PIC18F448
PIC18F458
Internal
Program
Memory
Bytes
16K
32K
16K
32K
# of Single-Word
Instructions
8192
16384
8192
16384
Data Memory (Bytes)
768
1536
768
1536
I/O Ports
Ports A, B, C
Ports A, B, C
Ports A, B, C, D, E Ports A, B, C, D, E
Enhanced Capture/Compare/PWM
Modules
——
1
1
Parallel Slave Port
No
No
Yes
Yes
10-bit Analog-to-Digital Converter
5 input channels
5 input channels
8 input channels
8 input channels
Analog Comparators
No
No
2
2
Analog Comparators VREF Output
N/A
N/A
Yes
Yes
Packages
28-pin SPDIP
28-pin SOIC
28-pin SPDIP
28-pin SOIC
40-pin PDIP
44-pin PLCC
44-pin TQFP
40-pin PDIP
44-pin PLCC
44-pin TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com