Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F883-E/ML Datasheet(PDF) 275 Page - Microchip Technology

Part # PIC16F883-E/ML
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/ML Datasheet(HTML) 275 Page - Microchip Technology

Back Button PIC16F883-E/ML Datasheet HTML 271Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 272Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 273Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 274Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 275Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 276Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 277Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 278Page - Microchip Technology PIC16F883-E/ML Datasheet HTML 279Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 273
PIC16F882/883/884/886/887
APPENDIX A:
DATA SHEET
REVISION HISTORY
Revision A (5/2006)
Initial release of this data sheet.
Revision B (7/2006)
Pin Diagrams (44-Pin QFN drawing); Revised Table 2-
1, Addr. 1DH (CCP2CON); Section 3.0, 3.1; Section
3.4.4.6; Table 3; Table 3-1 (ANSEL); Table 3-3
(CCP2CON); Register 3-1; Register 3.2; Register 3-3;
Register 3-4; Register 3-9; Register 3-10; Register 3-
11; Register 3-12; Register 3-14; Table 3-5 (ANSEL);
Figure 3-5; Figure 3-11; Figure 8-2; Figure 8-3; Figure
9-1; Register 9-1; Section 9.1.4; Example 10-4; Figure
11-5; Table 11-5 (P1M); Section 11.5.2; Section 11.5.7,
Number 4; Table 11-7 (CCP2CON); Section 12.3.1
(Para. 3); Figure 12-6 (Title); Sections 14.2, 14.3 and
14.4 DC Characteristics (Max); Table 14-4 (OSCCON);
Section 14.3 (TMR0); Section 14.3.2 (TMR0).
Revision C
Section
19.0
Packaging
Information:
Replaced
package drawings and added note.
Added PIC16F882 part number.
Replaced PICmicro with PIC.
Revision D
Replaced Package Drawings (Rev. AM); Replaced
Development Support Section; Revised Product ID
Section.
APPENDIX B:
MIGRATING FROM
OTHER PIC®
DEVICES
This discusses some of the issues in migrating from
other PIC devices to the PIC16F88X Family of devices.
B.1
PIC16F87X to PIC16F88X
TABLE B-1:
FEATURE COMPARISON
Feature
PIC16F87X
PIC16F88X
Max Operating Speed
20 MHz
20 MHz
Max Program
Memory (Words)
8192
8192
SRAM (bytes)
368
368
A/D Resolution
10-bit
10-bit
Data EEPROM (Bytes)
256
256
Timers (8/16-bit)
2/1
2/1
Oscillator Modes
4
8
Brown-out Reset
Y
Y (2.1V/4V)
Software Control Option
of WDT/BOR
NY
Internal Pull-ups
RB<7:4>
RB<7:0>,
MCLR
Interrupt-on-change
RB<7:4>
RB<7:0>
Comparator
2
2
References
CVREF
CVREF and
VP6
ECCP/CCP
0/2
1/1
Ultra Low-Power
Wake-Up
NY
Extended WDT
N
Y
INTOSC Frequencies
N
32 kHz-8 MHz
Clock Switching
N
Y
MSSP
Standard
w/Slave
Address Mask
USART
AUSART
EUSART
ADC Channels
8
14
Note:
This device has been designed to perform
to the parameters of its data sheet. It has
been tested to an electrical specification
designed to determine its conformance
with these parameters. Due to process
differences in the manufacture of this
device, this device may have different
performance characteristics than its earlier
version. These differences may cause this
device to perform differently in your
application than the earlier version of this
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com