Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/SOSQTP Datasheet(PDF) 350 Page - Microchip Technology

Part # PIC18F258-E/SOSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/SOSQTP Datasheet(HTML) 350 Page - Microchip Technology

Back Button PIC18F258-E/SOSQTP Datasheet HTML 346Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 347Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 348Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 349Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 350Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 351Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 352Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 353Page - Microchip Technology PIC18F258-E/SOSQTP Datasheet HTML 354Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 350 / 402 page
background image
PIC18FXX8
DS41159E-page 348
© 2006 Microchip Technology Inc.
FIGURE 27-12:
PARALLEL SLAVE PORT TIMING (PIC18F248 AND PIC18F458)
TABLE 27-12: PARALLEL SLAVE PORT REQUIREMENTS (PIC18F248 AND PIC18F458)
Note: Refer to Figure 27-5 for load conditions.
RE2/CS
RE0/RD
RE1/WR
RD7:RD0
62
63
64
65
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
62
TdtV2wrH
Data-In Valid before WR
↑ or CS ↑
(setup time)
20
25
—
—
ns
ns
Extended Temp. range
63
TwrH2dtI
WR
↑ or CS ↑ to Data-In Invalid
(hold time)
PIC18FXX8
20
—
ns
PIC18LFXX8
35
—
ns
64
TrdL2dtV
RD
↓ and CS ↓ to Data-Out Valid
—
—
80
90
ns
ns
Extended Temp. range
65
TrdH2dtI
RD
↑ or CS ↓ to Data-Out Invalid
10
30
ns
66
TibfINH
Inhibit the IBF flag bit being cleared from
WR
↑ or CS ↑
—3 TCY
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com