Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F631-E/SS Datasheet(PDF) 248 Page - Microchip Technology

Part # PIC16F631-E/SS
Description  20-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  294 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F631-E/SS Datasheet(HTML) 248 Page - Microchip Technology

Back Button PIC16F631-E/SS Datasheet HTML 244Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 245Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 246Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 247Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 248Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 249Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 250Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 251Page - Microchip Technology PIC16F631-E/SS Datasheet HTML 252Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 294 page
background image
PIC16F631/677/685/687/689/690
DS41262D-page 246
© 2007 Microchip Technology Inc.
FIGURE 17-10:
EUSART SYNCHRONOUS TRANSMISSION (MASTER/SLAVE) TIMING
TABLE 17-10: EUSART SYNCHRONOUS TRANSMISSION REQUIREMENTS
FIGURE 17-11:
EUSART SYNCHRONOUS RECEIVE (MASTER/SLAVE) TIMING
TABLE 17-11: EUSART SYNCHRONOUS RECEIVE REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
120
TCKH2DTV SYNC XMIT (Master & Slave)
Clock high to data-out valid
—40
ns
121
TCKRF
Clock out rise time and fall time (Master mode)
—
20
ns
122
TDTRF
Data-out rise time and fall time
—
20
ns
Standard Operating Conditions (unless otherwise stated)
Operating Temperature
-40°C
≤ TA ≤ +125°C
Param.
No.
Symbol
Characteristic
Min
Max
Units
Conditions
125
TDTV2CKL SYNC RCV (Master & Slave)
Data-hold before CK
↓ (DT hold time)
10
—
ns
126
TCKL2DTL
Data-hold after CK
↓ (DT hold time)
15
—
ns
Note:
Refer to Figure 17-3 for load conditions.
121
121
120
122
RB7/TX/CK
RB5/AN11/RX/DT
pin
pin
Note: Refer to Figure 17-3 for load conditions.
125
126
RC4/C2OUT/TX/CK
RC5/RX/DT
pin
pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com