Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 258 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 258 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 254Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 255Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 256Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 257Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 258Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 259Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 260Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 261Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 262Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 402 page
background image
PIC18FXX8
DS41159E-page 256
© 2006 Microchip Technology Inc.
FIGURE 22-1:
VOLTAGE REFERENCE BLOCK DIAGRAM
22.2
Voltage Reference Accuracy/Error
The full range of voltage reference cannot be realized
due to the construction of the module. The transistors
on the top and bottom of the resistor ladder network
(Figure 22-1) keep VREF from approaching the refer-
ence source rails. The voltage reference is derived
from the reference source; therefore, the VREF output
changes with fluctuations in that source. The absolute
accuracy of the voltage reference can be found in
Section 27.0 “Electrical Characteristics”.
22.3
Operation During Sleep
When the device wakes up from Sleep through an
interrupt or a Watchdog Timer time-out, the contents of
the CVRCON register are not affected. To minimize
current consumption in Sleep mode, the voltage
reference should be disabled.
22.4
Effects of a Reset
A device Reset disables the voltage reference by
clearing bit CVREN (CVRCON register). This Reset
also disconnects the reference from the RA2 pin by
clearing bit CVROE (CVRCON register) and selects the
high-voltage range by clearing bit CVRR (CVRCON
register). The CVRSS value select bits, CVRCON<3:0>,
are also cleared.
22.5
Connection Considerations
The voltage reference module operates independently
of the comparator module. The output of the reference
generator may be connected to the RA0/AN0 pin if the
TRISA<0> bit is set and the CVROE bit (CVRCON<6>)
is set. Enabling the voltage reference output onto the
RA0/AN0 pin, with an input signal present, will increase
current consumption. Connecting RA0/AN0 as a digital
output, with CVRSS enabled, will also increase current
consumption.
The RA0/AN0 pin can be used as a simple D/A output
with limited drive capability. Due to the limited current
drive capability, a buffer must be used on the voltage
reference output for external connections to VREF.
Figure 22-2 shows an example buffering technique.
CVRR
8R
CVR3
CVR0
(From CVRCON<3:0>)
16-to-1 Analog MUX
8R
R
R
R
R
RA0/AN0/CVREF
16 Stages
CVRSS = 1
VDD VREF+
CVRSS = 1
CVRSS = 0
RA2/AN2/VREF-
CVRSS = 0
or CVREF of Comparator
CVREN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com