Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 283 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 283 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 279Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 280Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 281Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 282Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 283Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 284Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 285Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 286Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 287Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 281
PIC18FXX8
25.0
INSTRUCTION SET SUMMARY
The PIC18 instruction set adds many enhancements to
the previous PICmicro instruction sets, while maintaining
an easy migration from these PICmicro instruction sets.
Most instructions are a single program memory word
(16 bits) but there are three instructions that require two
program memory locations.
Each single-word instruction is a 16-bit word divided
into an opcode, which specifies the instruction type and
one or more operands, which further specify the
operation of the instruction.
The instruction set is highly orthogonal and is grouped
into four basic categories:
• Byte-oriented operations
• Bit-oriented operations
• Literal operations
• Control operations
The PIC18 instruction set summary in Table 25-2 lists
byte-oriented,
bit-oriented,
literal
and
control
operations.
Table 25-1
shows
the
opcode
field
descriptions.
Most byte-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The destination of the result
(specified by ‘d’)
3.
The accessed memory
(specified by ‘a’)
The file register designator ‘f’ specifies which file
register is to be used by the instruction.
The destination designator ‘d’ specifies where the
result of the operation is to be placed. If ‘d’ is zero, the
result is placed in the WREG register. If ‘d’ is one, the
result is placed in the file register specified in the
instruction.
All bit-oriented instructions have three operands:
1.
The file register (specified by ‘f’)
2.
The bit in the file register
(specified by ‘b’)
3.
The accessed memory
(specified by ‘a’)
The bit field designator ‘b’ selects the number of the bit
affected by the operation, while the file register desig-
nator ‘f’ represents the number of the file in which the
bit is located.
The literal instructions may use some of the following
operands:
• A literal value to be loaded into a file register
(specified by ‘k’)
• The desired FSR register to load the literal value
into (specified by ‘f’)
• No operand required
(specified by ‘—’)
The control instructions may use some of the following
operands:
• A program memory address (specified by ‘n’)
• The mode of the CALL or RETURN instructions
(specified by ‘s’)
• The mode of the table read and table write
instructions (specified by ‘m’)
• No operand required
(specified by ‘—’)
All instructions are a single word, except for three
double-word instructions. These three instructions
were made double-word instructions so that all the
required information is available in these 32 bits. In the
second word, the 4 MSbs are ‘1’s. If this second word
is executed as an instruction (by itself), it will execute
as a NOP.
All single-word instructions are executed in a single
instruction cycle, unless a conditional test is true or the
program counter is changed as a result of the instruc-
tion. In these cases, the execution takes two instruction
cycles, with the additional instruction cycle(s) executed
as a NOP.
The double-word instructions execute in two instruction
cycles.
One instruction cycle consists of four oscillator periods.
Thus, for an oscillator frequency of 4 MHz, the normal
instruction execution time is 1
μs. If a conditional test is
true, or the program counter is changed as a result of
an instruction, the instruction execution time is 2
μs.
Two-word branch instructions (if true) would take 3
μs.
Figure 25-1 shows the general formats that the
instructions can have.
All examples use the format ‘nnh’ to represent a hexa-
decimal number, where ‘h’ signifies a hexadecimal
digit.
The Instruction Set Summary, shown in Table 25-2,
lists the instructions recognized by the Microchip
MPASMTM Assembler.
Section 25.2 “Instruction Set” provides a description
of each instruction.
25.1
Read-Modify-Write Operations
Any instruction that specifies a file register as part of
the instruction performs a Read-Modify-Write (R-M-W)
operation. The register is read, the data is modified and
the result is stored according to either the instruction or
the destination designator ‘d’. A read operation is
performed on a register even if the instruction writes to
that register.
For example, a “CLRF
PORTB
” instruction will read
PORTB, clear all the data bits, then write the result
back to PORTB. This example would have the
unintended result that the condition that sets the RBIF
flag would be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com