Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 310 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 310 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 306Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 307Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 308Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 309Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 310Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 311Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 312Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 313Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 402 page
background image
PIC18FXX8
DS41159E-page 308
© 2006 Microchip Technology Inc.
MULLW
Multiply Literal with W
Syntax:
[
label ]
MULLW
k
Operands:
0
≤ k ≤ 255
Operation:
(W) x k
→ PRODH:PRODL
Status Affected:
None
Encoding:
0000
1101
kkkk
kkkk
Description:
An unsigned multiplication is carried out
between the contents of W and the 8-bit
literal ‘k’. The 16-bit result is placed in
the PRODH:PRODL register pair.
PRODH contains the high byte. W is
unchanged.
None of the status flags are affected.
Note that neither Overflow nor Carry is
possible in this operation. A Zero result
is possible but not detected.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
literal ‘k’
Process
Data
Write
registers
PRODH:
PRODL
Example:
MULLW
0xC4
Before Instruction
W=
0xE2
PRODH
=
?
PRODL
=
?
After Instruction
W=
0xE2
PRODH
=
0xAD
PRODL
=
0x08
MULWF
Multiply W with f
Syntax:
[
label ]
MULWF
f [,a]
Operands:
0
≤ f ≤ 255
a
∈ [0,1]
Operation:
(W) x (f)
→ PRODH:PRODL
Status Affected:
None
Encoding:
0000
001a
ffff
ffff
Description:
An unsigned multiplication is carried out
between the contents of W and the
register file location ‘f’. The 16-bit result
is stored in the PRODH:PRODL
register pair. PRODH contains the high
byte.
Both W and ‘f’ are unchanged.
None of the status flags are affected.
Note that neither Overflow nor Carry is
possible in this operation. A Zero result
is possible but not detected. If ‘a’ is ‘0’,
the Access Bank will be selected,
overriding the BSR value. If ‘a’= 1, then
the bank will be selected as per the
BSR value (default).
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ‘f’
Process
Data
Write
registers
PRODH:
PRODL
Example:
MULWF
REG
Before Instruction
W=
0xC4
REG
=
0xB5
PRODH
=
?
PRODL
=
?
After Instruction
W=
0xC4
REG
=
0xB5
PRODH
=
0x8A
PRODL
=
0x94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com