Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 322 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 322 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 318Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 319Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 320Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 321Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 322Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 323Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 324Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 325Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 326Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 402 page
background image
PIC18FXX8
DS41159E-page 320
© 2006 Microchip Technology Inc.
TBLWT
Table Write
Syntax:
[
label ]
TBLWT ( *; *+; *-; +*)
Operands:
None
Operation:
if TBLWT*,
(TABLAT)
→ Holding Register;
TBLPTR – No Change;
if TBLWT*+,
(TABLAT)
→ Holding Register;
(TBLPTR) + 1
→ TBLPTR;
if TBLWT*-,
(TABLAT)
→ Holding Register;
(TBLPTR) – 1
→ TBLPTR;
if TBLWT+*,
(TBLPTR) + 1
→ TBLPTR;
(TABLAT)
→ Holding Register;
Status Affected: None
Encoding:
0000
0000
0000
11nn
nn=0 *
=1 *+
=2 *-
=3 +*
Description:
This instruction uses the 3 LSBs of TBLPTR to
determine which of the 8 holding registers the
TABLAT is written to. The holding registers are
used to program the contents of Program
Memory (P.M.). (Refer to Section 6.0 “Flash
Program Memory” for additional details.)
The TBLPTR (a 21-bit pointer) points to each
byte in the program memory. TBLPTR has a
2-Mbyte address range. The LSb of the
TBLPTR selects which byte of the program
memory location to access.
TBLPTR[0] = 0:
Least Significant Byte
of Program Memory
Word
TBLPTR[0] = 1:
Most Significant Byte
of Program Memory
Word
The TBLWT instruction can modify the value
of TBLPTR as follows:
• no change
• post-increment
• post-decrement
• pre-increment
TBLWT Table Write (Continued)
Words: 1
Cycles: 2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
operation
No
operation
No
operation
No
operation
No operation
(Read
TABLAT)
No
operation
No operation
(Write to Holding
Register)
Example 1:
TBLWT
*+;
Before Instruction
TABLAT
=
0x55
TBLPTR
=
0x00A356
HOLDING REGISTER
(0x00A356)
=
0xFF
After Instructions (table write completion)
TABLAT
=
0x55
TBLPTR
=
0x00A357
HOLDING REGISTER
(0x00A356)
=
0x55
Example 2:
TBLWT
+*;
Before Instruction
TABLAT
=
0x34
TBLPTR
=
0x01389A
HOLDING REGISTER
(0x01389A)
=
0xFF
HOLDING REGISTER
(0x01389B)
=
0xFF
After Instruction (table write completion)
TABLAT
=
0x34
TBLPTR
=
0x01389B
HOLDING REGISTER
(0x01389A)
=
0xFF
HOLDING REGISTER
(0x01389B)
=
0x34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com