Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 349 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 349 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 345Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 346Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 347Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 348Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 349Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 350Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 351Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 352Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 353Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 349 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 347
PIC18FXX8
FIGURE 27-11:
CAPTURE/COMPARE/PWM TIMINGS (CCP1 AND ECCP1)
TABLE 27-11: CAPTURE/COMPARE/PWM REQUIREMENTS (CCP1 AND ECCP1)
Note: Refer to Figure 27-5 for load conditions.
CCPx
(Capture Mode)
50
51
52
CCPx
53
54
(Compare or PWM Mode)
Param
No.
Symbol
Characteristic
Min
Max
Units
Conditions
50
TccL
CCPx Input Low Time No prescaler
0.5 TCY + 20
—
ns
With
prescaler
PIC18FXX8
10
—
ns
PIC18LFXX8
20
—
ns
51
TccH
CCPx Input High Time No prescaler
0.5 TCY + 20
—
ns
With
prescaler
PIC18FXX8
10
—
ns
PIC18LFXX8
20
—
ns
52
TccP
CCPx Input Period
3 TCY + 40
N
—ns
N = prescale
value (1, 4 or 16)
53
TccR
CCPx Output Fall Time
PIC18FXX8
—
25
ns
PIC18LFXX8
—
45
ns
54
TccF
CCPx Output Fall Time
PIC18FXX8
—
25
ns
PIC18LFXX8
—
45
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com