Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 360 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 360 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 356Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 357Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 358Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 359Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 360Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 361Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 362Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 363Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 364Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 402 page
background image
PIC18FXX8
DS41159E-page 358
© 2006 Microchip Technology Inc.
TABLE 27-23: A/D CONVERTER CHARACTERISTICS: PIC18FXX8 (INDUSTRIAL, EXTENDED)
PIC18LFXX8 (INDUSTRIAL)
Param
No.
Symbol
Characteristic
Min
Typ
Max
Units
Conditions
A01
NR
Resolution
—
—
10
bit
VREF = VDD
≥ 3.0V
A03
EIL
Integral Linearity Error
—
—
<±1
LSb VREF = VDD
≥ 3.0V
A04
EDL
Differential Linearity Error
—
—
<±1
LSb VREF = VDD
≥ 3.0V
A05
EFS
Full Scale Error
—
—
<±1
LSb VREF = VDD
≥ 3.0V
A06
EOFF
Offset Error
—
—
<±1.5
LSb VREF = VDD
≥ 3.0V
A10
—
Monotonicity(3)
guaranteed
—
VSS
≤ VAIN ≤ VREF
A20
VREF
Reference Voltage
(VREFH – VREFL)
0V
—
—
V
A20A
3V
—
—
V
For 10-bit resolution
A21
VREFH
Reference Voltage High
VSS
—VDD + 0.3V
V
A22
VREFL
Reference Voltage Low
VSS – 0.3V
—
VDD
V
A25
VAIN
Analog Input Voltage
VSS – 0.3V
—
VREF + 0.3V
V
A30
ZAIN
Recommended Impedance of
Analog Voltage Source
—
—
10.0
k
Ω
A40
IAD
A/D Conversion
Current (VDD)
PIC18FXX8
—
180
—
μA Average current
consumption when
A/D is on (Note 1)
PIC18LFXX8
—
90
—
μA
A50
IREF
VREF Input Current (Note 2)
0
—
—
—
5
150
μA
μA
During VAIN acquisition.
Based on differential of
VHOLD to VAIN. To
charge CHOLD.
During A/D conversion
cycle.
Note 1:
When A/D is off, it will not consume any current other than minor leakage current. The power-down current
specification includes any such leakage from the A/D module.
VREF current is from RA2/AN2/VREF- and RA3/AN3/VREF+ pins or VDD and VSS pins, whichever is selected
as reference input.
2:
VSS
≤ VAIN ≤ VREF
3:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com