Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 376 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 376 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 372Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 373Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 374Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 375Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 376Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 377Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 378Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 379Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 380Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 402 page
background image
PIC18FXX8
DS41159E-page 374
© 2006 Microchip Technology Inc.
FIGURE 28-27:
MINIMUM AND MAXIMUM VIN vs. VDD (I2C™ INPUT, -40
°C TO +125°C)
FIGURE 28-28:
A/D NONLINEARITY vs. VREFH (VDD = VREFH, -40
°C TO +125°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VDD (V)
VIH Max
VIH Min
VILMax
VIL Min
Typical:
statistical mean @ 25°C
Maximum:
mean + 3
σ (-40°C to +125°C)
Minimum:
mean – 3
σ (-40°C to +125°C)
VIL Max
0
0.5
1
1.5
2
2.5
3
3.5
4
22.5
33.544.5
55.5
VDD and VREFH (V)
-40C
25C
85C
125C
-40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com