| Electronic Components Datasheet Search |
|
PIC18F258-E/PSQTP Datasheet(PDF) 398 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F258-E/PSQTP Datasheet(HTML) 398 Page - Microchip Technology |
|
398 / 402 page ![]() PIC18FXX8 DS41159E-page 396 © 2006 Microchip Technology Inc. Transition from OSC1 to Timer1 Oscillator................................................. 21 USART Asynchronous Reception ............................. 192 USART Asynchronous Transmission........................ 190 USART Asynchronous Transmission (Back to Back)................................................... 190 USART Synchronous Receive (Master/Slave)................................................... 357 USART Synchronous Reception (Master Mode, SREN)....................................... 195 USART Synchronous Transmission ......................... 194 USART Synchronous Transmission (Master/Slave)................................................... 357 USART Synchronous Transmission (Through TXEN)................................................ 194 Wake-up from Sleep via Interrupt ............................. 275 Timing Diagrams and Specifications................................. 343 A/D Conversion Requirements ................................. 359 A/D Converter Characteristics .................................. 358 Capture/Compare/PWM Requirements (CCP1 and ECCP1) .......................................... 347 CLKO and I/O Timing Requirements.................................................... 344 Example SPI Mode Requirements (Master Mode, CKE = 0) ................................... 349 Example SPI Mode Requirements (Master Mode, CKE = 1) ................................... 350 Example SPI Mode Requirements (Slave Mode, CKE = 0) ..................................... 351 Example SPI Slave Mode Requirements (CKE = 1)................................... 352 External Clock Timing Requirements........................ 343 I2C Bus Data Requirements (Slave Mode)..................................................... 354 I2C Bus Start/Stop Bits Requirements (Slave Mode)..................................................... 353 Master SSP I2C Bus Data Requirements.................................................... 356 Master SSP I2C Bus Start/Stop Bits Requirements.................................................... 355 Parallel Slave Port Requirements (PIC18F248 and PIC18F458) ........................... 348 PLL Clock.................................................................. 344 Reset, Watchdog Timer, Oscillator Start-up Timer, Power-up Timer, Brown-out Reset and Low-Voltage Detect Requirements ........................................ 345 Timer0 and Timer1 External Clock Requirements.......................................... 346 USART Synchronous Receive Requirements.................................................... 357 USART Synchronous Transmission Requirements.................................................... 357 TSTFSZ............................................................................. 321 TXSTA Register BRGH Bit .................................................................. 185 U USART.............................................................................. 183 Asynchronous Mode ................................................. 189 Reception ......................................................... 191 Setting Up 9-Bit Mode with Address Detect ......................................... 191 Transmission .................................................... 189 Asynchronous Reception.......................................... 192 Asynchronous Transmission Associated Registers........................................ 190 Baud Rate Generator (BRG) .................................... 185 Associated Registers........................................ 185 Baud Rate Error, Calculating ............................ 185 Baud Rate Formula .......................................... 185 Baud Rates for Asynchronous Mode (BRGH = 0)............................................... 187 Baud Rates for Asynchronous Mode (BRGH = 1)............................................... 188 Baud Rates for Synchronous Mode.................. 186 High Baud Rate Select (BRGH Bit) .................. 185 Sampling........................................................... 185 Serial Port Enable (SPEN) Bit .................................. 183 Synchronous Master Mode....................................... 193 Reception ......................................................... 195 Transmission .................................................... 193 Synchronous Master Reception Associated Registers........................................ 195 Synchronous Master Transmission Associated Registers........................................ 193 Synchronous Slave Mode......................................... 196 Reception ......................................................... 196 Transmission .................................................... 196 Synchronous Slave Reception.................................. 197 Synchronous Slave Transmission Associated Registers........................................ 197 V Voltage Reference Specifications..................................... 340 W Wake-up from Sleep ................................................. 265, 274 Using Interrupts ........................................................ 274 Watchdog Timer (WDT)............................................ 265, 272 Associated Registers ................................................ 273 Control Register........................................................ 272 Postscaler ................................................................. 273 Programming Considerations ................................... 272 RC Oscillator............................................................. 272 Time-out Period ........................................................ 272 WCOL ....................................................... 171, 172, 173, 176 WCOL Status Flag .................................... 171, 172, 173, 176 WDT. See Watchdog Timer. WWW, On-Line Support ....................................................... 5 X XORLW............................................................................. 321 XORWF ............................................................................ 322 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |