Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F258-E/PSQTP Datasheet(PDF) 123 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 123 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 119Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 120Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 121Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 122Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 123Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 124Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 125Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 126Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 127Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 121
PIC18FXX8
14.2
Timer1 Oscillator
The Timer1 oscillator may be used as the clock source
for Timer3. The Timer1 oscillator is enabled by setting
the T1OSCEN bit (T1CON register). The oscillator is a
low-power oscillator rated up to 50 kHz. Refer to
Section 12.0 “Timer1 Module” for Timer1 oscillator
details.
14.3
Timer3 Interrupt
The TMR3 register pair (TMR3H:TMR3L) increments
from 0000h to 0FFFFh and rolls over to 0000h. The
TMR3 interrupt, if enabled, is generated on overflow
which is latched in interrupt flag bit TMR3IF (PIR regis-
ters). This interrupt can be enabled/disabled by setting/
clearing TMR3 Interrupt Enable bit, TMR3IE (PIE
registers).
14.4
Resetting Timer3 Using a CCP
Trigger Output
If the CCP module is configured in Compare mode
to
generate
a
“special
event
trigger”
(CCP1M3:CCP1M0 = 1011), this signal will reset
Timer3.
Timer3 must be configured for either Timer or Synchro-
nized Counter mode to take advantage of this feature. If
Timer3 is running in Asynchronous Counter mode, this
Reset operation may not work. In the event that a write
to Timer3 coincides with a special event trigger from
CCP1, the write will take precedence. In this mode of
operation, the CCPR1H:CCPR1L register pair becomes
the period register for Timer3. Refer to Section 15.0
“Capture/Compare/PWM (CCP) Modules” for CCP
details.
TABLE 14-1:
REGISTERS ASSOCIATED WITH TIMER3 AS A TIMER/COUNTER
Note:
The special event triggers from the CCP
module will not set interrupt flag bit
TMR3IF (PIR registers).
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
INTCON
GIE/ GIEH PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x 0000 000u
PIR2
—
CMIF
—
EEIF
BCLIF
LVDIF
TMR3IF
ECCP1IF -0-0 0000 -0-0 0000
PIE2
—
CMIE
—
EEIE
BCLIE
LVDIE
TMR3IE
ECCP1IE -0-0 0000 -0-0 0000
IPR2
—
CMIP
—
EEIP
BCLIP
LVDIP
TMR3IP
ECCP1IP -1-1 1111 -1-1 1111
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
xxxx xxxx uuuu uuuu
T1CON
RD16
—
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0-00 0000 u-uu uuuu
T3CON
RD16
T3ECCP1
T3CKPS1 T3CKPS0
T3CCP1
T3SYNC TMR3CS TMR3ON 0000 0000 uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com