Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIMXRT201PCVL4A Datasheet(PDF) 115 Page - NXP Semiconductors

Part # PIMXRT201PCVL4A
Description  i.MX RT1060 Crossover Processors for Consumer Products
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT201PCVL4A Datasheet(HTML) 115 Page - NXP Semiconductors

Back Button PIMXRT201PCVL4A Datasheet HTML 111Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 112Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 113Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 114Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 115Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 116Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 117Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 118Page - NXP Semiconductors PIMXRT201PCVL4A Datasheet HTML 119Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 115 / 119 page
background image
Rev. 0.2 02/2020 • Updated the SPI NAND Flash in the Section 1.1, Features
• Updated the features of RT1062 in the Table 1, Ordering information
• Updated the Table 81, Boot through UART1 and removed the Table, Boot through UART2
• Updated the figure and table numbers in the Section 6.2, 12 x 12 mm package information
• Updated the Figure 53, "10 x 10 mm BGA, case x package top, bottom, and side Views" and
Figure 54, "12 x 12 mm BGA, case x package top, bottom, and side Views"
Rev. 0.1 04/2019 • Updated ADC information and removed DAC from Section 1.1, Features and Figure 2, "i.MX RT1060
system block diagram"
• Added a new part number in the Table 1, Ordering information
• Updated the RT website link in the Section 1.2, Ordering information
• Removed tamper detection from the Table 2, i.MX RT1060 modules list
• Updated the on-chip termination values of JTAG_TCK and JTAG_MOD in the Table 4, JTAG
Controller interface summary
• Updated the maximum value of VDD_SOC_IN in the Table 7, Absolute maximum ratings
• Changed 528 MHz PLL to System PLL in the Table 16, System PLL’s electrical parameters
• Changed 480 MHz PLL to USB PLL in the Table 18, USB PLL’s electrical parameters
• Updated the VDD name of supply voltage conditions column in the Table 54, 12-bit ADC operating
conditions
• Added the Figure 36, "Minimum Sample Time Vs Ras (Cas = 2pF)", Figure 37, "Minimum Sample
Time Vs Ras (Cas = 5 pF)", and Figure 38, "Minimum Sample Time Vs Ras (Cas = 10 pF)" in the
Section 4.8.2, A/D converter
• Updated the Section 4.9.1, LPSPI timing parameters
Rev. 0
08/2018 • Initial version
Table 88. i.MX RT1060 Data Sheet document revision history (continued)
Rev.
Number
Date
Substantive Change(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com