Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM5366-PI Datasheet(PDF) 222 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 222 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 218Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 219Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 220Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 221Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 222Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 223Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 224Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 225Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 226Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
210
Figure 46
- Framer Mode G.751 E3 Transmit Input Stream With TGAPCLK
TGAPCLK[x]
TDATI[x]
bit 1536
bit 1531
bit 1529
bit 1530
bit 1532
bit 1533
bit 1534
bit 1535
bit14
TICLK[x]
bit13
The Framer Mode G.751 E3 Transmit Input Stream diagrams (Figure 45 and
Figure 46) show the expected format of the inputs TDATI, TFPI/TMFPI, and
TICLK and the output TFPO/TMFPO (and TGAPCLK) when the TEMAP-84 is
configured for the E3 G.751 transmit format. TFPI or TMFPI pulses high for one
TICLK cycle and is aligned to the first bit of the frame alignment signal in the
G.751 E3 input data stream on TDATI. TFPO or TMFPO will pulse high for one
out of every 1536 TICLK cycles, providing upstream equipment with a reference
frame pulse. The alignment of TFPO or TMFPO is arbitrary. There is no set
relationship between TFPO/TMFPO and TFPI/TMFPI. The TGAPCLK output is
available in place of TFPO/TMFPO when the TXGAPEN bit in the DS3 and E3
Master Unchannelized Interface Options register is set to logic 1, as in Figure 46.
TGAPCLK remains high during the overhead bit positions. TDATI is sampled on
the falling edge of TGAPCLK.
Figure 47
- Framer Mode G.751 E3 Receive Output Stream
RDATO[x]
bit 1536
0
RFPO/RMFPO[x]
Nat
RAI
1
1
1
1
0
100
bit 1531
bit 1529
bit 1530
bit 1532
bit 1533
bit 1534
bit 1535
ROVRHD[x]
0
bit13
RSCLK[x]
Figure 48
- Framer Mode G.751 E3 Receive Output Stream with
RGAPCLK
RGAPCLK[x]
RDATO[x]
bit 1536
bit 1531
bit 1529
bit 1530
bit 1532
bit 1533
bit 1534
bit 1535
bit13
The Framer Mode G.751 E3 Receive Output Stream diagrams (Figure 47 and
Figure 48) show the format of the outputs RDATO, RFPO/RMFPO, RSCLK (and
RGAPCLK), and ROVRHD when the TEMAP-84 is configured for the E3 G.751
receive format. RFPO or RMFPO pulses high for one RSCLK cycle and is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com