Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM5366-PI Datasheet(PDF) 181 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 181 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 177Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 178Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 179Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 180Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 181Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 182Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 183Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 184Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 185Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
169
clock and data from the RJAT to the transmit clock and data going to the M13
mux and SONET/SDH mapper. The RJAT may be bypassed if desired.
Conceptually, the data flow through a single tributary in this loopback condition is
illustrated in Figure 20.
Figure 20
- T1/E1 Line Loopback
T1/E1
JAT84
TTMP
(bit)
RTDM
(bit)
M13
M13
M13
M13
M13
M13
M13
M13
DS3/E3
FRMR
M13
M13
DS3/E3
TRAN
TRAP
M13
M13
VTPP
M13
M13
VTPP
M13
M13
SIPO
M13
M13
PISO
M13
M13
D3MA
M13
M13
D3MD
Telecom Bus
Telecom Bus
LIUs
LIUs
SBI 155
TTOP
M13
M13
RTOP/
RTTB
T1/E1
JAT84
EXSBI
INSBI
INSBI
(byte)
EXSBI
(byte)
Egress
Flexible
B/W Port
Ingress
Flexible
B/W Port
DS3/E3 Tx System I/F
DS3/E3 Rx System I/F
T1/E1
FRMR84
Line Loopback
T1/E1 Diagnostic Digital Loopback
When Diagnostic Digital loopback is initiated, by writing a 1 to the DLOOP bit
through the RJAT Indirect Channel Data register, the appropriate tributary in the
TEMAP-84 is configured to internally connect its transmit clock and data to the
receive clock and data The data flow through a single tributary in this loopback
condition is illustrated in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com