Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM69 Datasheet(PDF) 102 Page - Texas Instruments

Part # AM69
Description  AM69x Processors, Silicon Revision 1.0
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69 Datasheet(HTML) 102 Page - Texas Instruments

Back Button AM69 Datasheet HTML 98Page - Texas Instruments AM69 Datasheet HTML 99Page - Texas Instruments AM69 Datasheet HTML 100Page - Texas Instruments AM69 Datasheet HTML 101Page - Texas Instruments AM69 Datasheet HTML 102Page - Texas Instruments AM69 Datasheet HTML 103Page - Texas Instruments AM69 Datasheet HTML 104Page - Texas Instruments AM69 Datasheet HTML 105Page - Texas Instruments AM69 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 312 page
background image
5.3.4 I2C
5.3.4.1 MAIN Domain
Table 5-11. I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
I2C0_SCL
IOD
I2C Clock
AN36
AA30
I2C0_SDA
IOD
I2C Data
AP37
Y30
Table 5-12. I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
I2C1_SCL
IOD
I2C Clock
AD36, AE34, AJ35
L31, M33, R31
I2C1_SDA
IOD
I2C Data
AH34, AJ32, AL33
G30, J33, P31
Table 5-13. I2C2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
I2C2_SCL
IOD
I2C Clock
AC32, AN38
G31, V31
I2C2_SDA
IOD
I2C Data
AC37, AM35
J31, V30
Table 5-14. I2C3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
I2C3_SCL
IOD
I2C Clock
AC38, AF38
F30, N33
I2C3_SDA
IOD
I2C Data
AA32, AE36
E30, R32
Table 5-15. I2C4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
I2C4_SCL
IOD
I2C Clock
AA33, AG33, AG38
F28, H30, R33
I2C4_SDA
IOD
I2C Data
AB34, AH33, AK34
F29, J32, T32
Table 5-16. I2C5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
I2C5_SCL
IOD
I2C Clock
AC33, AG34
G28, R29
I2C5_SDA
IOD
I2C Data
AH37, AK36
F33, R30
Table 5-17. I2C6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
I2C6_SCL
IOD
I2C Clock
AB36, AN37
E32, W30
I2C6_SDA
IOD
I2C Data
AB38, AR38
AA32, D33
5.3.4.2 MCU Domain
Table 5-18. MCU_I2C0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_I2C0_SCL
IOD
I2C Clock
M35
D22
MCU_I2C0_SDA
IOD
I2C Data
G34
A21
Table 5-19. MCU_I2C1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALY PIN [4]
AND PIN [4]
MCU_I2C1_SCL
IOD
I2C Clock
L35, L37
B15, B19
AM69A, AM69
SPRSP92C – FEBRUARY 2023 – REVISED JUNE 2024
www.ti.com
102
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM69A AM69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com