Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1T3 Datasheet(PDF) 120 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button ST10F269Z1T3 Datasheet HTML 116Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 117Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 118Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 119Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 120Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 121Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 122Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 123Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 124Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 184 page
background image
18 - SYSTEM RESET
ST10F269
120/184
Figure 59 : Minimum External Reset Circuitry
Figure 60 : External Reset Hardware Circuitry
Table 38 : PORT0 Latched Configuration for the Different Resets
Notes: 1. Not latched from PORT0.
2. Only RP0H low byte is used and the bit-fields are latched from PORT0 high byte to RP0H low byte.
X: Pin is sampled
-: Pin is not sampled
PORT0
Sample event
Software Reset
-
-
-
XX
XXX
XX
-
-
-
-
-
-
Watchdog Reset
-
-
-
X
X
X
X
X
X
X
-
-
-
-
-
-
Short Hardware Reset
-
-
-
XX
XXX
XX
XXX
XX
X
Long Hardware Reset
XXX
XX
XXX
XX
XXX
XX
X
Power-On Reset
XXX
XX
XXX
XX
XXX
XX
X
Table 39 : PORT0 Bits Latched into the Different Registers After Reset
PORT0 bit
Nebr.
h7
h6
h5
h4
h3
h2
h1
h0
I7
I6
I5
I4
I3
I2
I1
I0
PORT0 bit
Name
CLKCFG CLKCFG CLKCFG SALSEL SALSEL CSSEL
CSSEL
WRC
BUSTYP BUSTYP
R
BSL
R
R
ADP
EMU
RP0H
2
X
1
X
1
X
1
X
1
X
1
X
1
X
1
X
1
CLKCFG CLKCFG CLKCFG SALSEL SALSEL CSSEL CSSEL WRC
SYSCON
X 1
X 1
X 1
X 1
X 1
X 1
BYTDIS 3
X 1
WRCFG 3
X 1
X 1
X 1
X 1
X 1
X 1
X 1
BUSCON0
X
1
X
1
X
1
X
1
-BUS
ACT0
4
ALE
CTL0
4
-BTYP
BTYP
X
1
X
1
X
1
X
1
X
1
X
1
Internal
Logic
To Clock Generator
To Port 4 Logic
To Port 6 Logic
X 1
X 1
X 1
X 1
Internal
X 1
X 1
Internal Internal
+
+
RSTOUT
RSTIN
RPD
C0
R0
VDD
C1
External
Hardware
ST10F269
a) Manual hardware reset1
b) For automatic power-up and
a)
b)
interruptible power-down mode
D2
RSTOUT
RSTIN
RPD
Open - drain
D1
+
C0
R0
VDD
ST10F269
VDD
External
Hardware
Inverter
+
C1
R1
VDD
Reset Source
External
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com