Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1T3 Datasheet(PDF) 171 Page - STMicroelectronics

Part # ST10F269Z1T3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T3 Datasheet(HTML) 171 Page - STMicroelectronics

Back Button ST10F269Z1T3 Datasheet HTML 167Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 168Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 169Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 170Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 171Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 172Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 173Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 174Page - STMicroelectronics ST10F269Z1T3 Datasheet HTML 175Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 184 page
background image
ST10F269
171/184
21.4.13 - External Bus Arbitration
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF (PQFP144 devices)
Note: 1. Partially tested, guaranteed by design characterization
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF (TQFP144 devices)
Note: 1. Partially tested, guaranteed by design characterization
Symbol
Parameter
Maximum CPU Clock
= 40 MHz
Variable CPU Clock
1/2TCL = 1 to 40 MHz
Minimum
Maximum
Minimum
Maximum
t61
SR
HOLD input setup time
to CLKOUT
15
–
15
–
ns
t62
CC
CLKOUT to HLDA high
or BREQ low delay
–
12.5
–
12.5
ns
t63
CC
CLKOUT to HLDA low
or BREQ high delay
–
12.5
–
12.5
ns
t64
CC
CSx release
1
–
15
–
15
ns
t65
CC
CSx drive
-4
15
-4
15
ns
t66
CC
Other signals release
1
–
15
–
15
ns
t67
CC
Other signals drive
-4
15
-4
15
ns
Symbol
Parameter
Maximum CPU Clock
= 32MHz
Variable CPU Clock
1/2TCL = 1 to 32MHz
Unit
Minimum
Maximum
Minimum
Maximum
t61
SR
HOLD input setup time
to CLKOUT
20
–
20
–
ns
t62
CC
CLKOUT to HLDA high
or BREQ low delay
–
15.625
–
15.625
ns
t63
CC
CLKOUT to HLDA low
or BREQ high delay
–
15.625
–
15.625
ns
t64
CC
CSx release
1
–15
–
15
ns
t65
CC
CSx drive
-4
15
-4
15
ns
t66
CC
Other signals release
1
–15
–
15
ns
t67
CC
Other signals drive
-4
15
-4
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com