Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1T6 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST10F269Z1T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T6 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST10F269Z1T6 Datasheet HTML 111Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 112Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 113Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 114Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 115Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 116Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 117Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 118Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 184 page
background image
ST10F269
18 - SYSTEM RESET
115/184
Figure 55 : Asynchronous Reset Sequence Internal Fetch
Note: 1) RSTIN rising edge to internal latch of PORT0 is 3 CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
2) 2.1µs typical value.
Power-on reset
The asynchronous reset must be used during the
power-on of the MCU. Depending on the crystal
frequency, the on-chip oscillator needs about
10ms to 50ms to stabilize. The logic of the MCU
does not need a stabilized clock signal to detect
an asynchronous reset, so it is suitable for
power-on conditions. To ensure a proper reset
sequence, the RSTIN pin and the RPD pin must
be held at low level until the MCU clock signal is
stabilized and the system configuration value on
PORT0 is settled.
Hardware reset
The asynchronous reset must be used to recover
from catastrophic situations of the application. It
may be triggered by the hardware of the applica-
tion. Internal hardware logic and application cir-
cuitry are described in Section 18.6 - and
Figure 58, Figure 59 and Figure 60.
18.1.2 - Synchronous Reset (RSTIN pulse >
1040TCL and RPD pin at high level)
The synchronous reset is a warm reset. It may be
generated synchronously to the CPU clock. To be
detected by the reset logic, the RSTIN pulse must
be low at least for 4 TCL (2 periods of CPU clock).
Then the I/O pins are set to high impedance and
RSTOUT pin is driven low. After the RSTIN level is
detected, a short duration of 12 TCL (6 CPU
clocks) maximum elapses, during which pending
internal hold states are cancelled and the current
internal access cycle, if any, is completed.
External bus cycle is aborted.
The internal pull-down of RSTIN pin is activated if
bit BDRSTEN of SYSCON register was previously
set by software. This bit is always cleared on
power-on or after any reset sequence.
The internal sequence lasts for 1024 TCL (512
periods of CPU clock). After this duration the
pull-down of RSTIN pin for the bidirectional reset
function is released and the RSTIN pin level is
sampled. At this step the sequence lasts 1040
TCL (4 TCL + 12 TCL + 1024 TCL). If the RSTIN
pin level is low, the reset sequence is extended
until
RSTIN
level
becomes
high.
Refer
to
Figure 56
Note
If VRPD voltage drops below the RPD pin
threshold (typically 2.5V for VDD = 5V)
when RSTIN pin is low or when RSTIN pin
is internally pulled low, the ST10 reset
circuitry disables the bidirectional reset
function and RSTIN pin is no more pulled
6 or 8 TCL 1)
CPU Clock
RSTIN
Asynchronous
Reset Condition
RPD
RSTOUT
PORT0
Reset Configuration
INTERNAL FETCH
Internal reset signal
Flash read signal
PLL factor
latch command
Flash under reset for internal charge pump ramping up
1st fetch
from Flash
Latching point of PORT0
for PLL configuration
Latching point of PORT0
for remaining bits
12
3
2.5µs max.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com