Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1T6 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST10F269Z1T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T6 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST10F269Z1T6 Datasheet HTML 158Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 159Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 160Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 161Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 162Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 163Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 164Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 165Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 184 page
background image
ST10F269
162/184
t81
CC
Address/Unlatched CS setup
to RD, WR
(no RW-delay)
5.625 + 2tA
–TCL -10 + 2tA
–ns
t12
CC
RD, WR low time
(with RW-delay)
21.25 + tC
–
2TCL - 10 + tC
–ns
t13
CC
RD, WR low time
(no RW-delay)
36.875 + tC
–
3TCL - 10 + tC
–ns
t14
SR
RD to valid data in
(with RW-delay)
–
11.25 + tC
–
2TCL - 20 + tC
ns
t15
SR
RD to valid data in
(no RW-delay)
–
26.875 + tC
–
3TCL - 20 + tC
ns
t16
SR
ALE low to valid data in
–
26.875 + tA +
tC
–3TCL - 20
+ tA + tC
ns
t17
SR
Address/Unlatched CS to
valid data in
–
32.5 + 2tA +
tC
–
4TCL - 30
+ 2tA + tC
ns
t18
SR
Data hold after RD
rising edge
0–
0
–
ns
t20
SR
Data float after RD rising
edge (with RW-delay)1 - 3
–
26 + tF
–
2TCL - 14
+ tF + 2tA
1
ns
t21
SR
Data float after RD rising
edge (no RW-delay) 1 - 3
–
5.625 + tF
–TCL - 10
+ tF + 2tA
1
ns
t22
CC
Data valid to WR
11.25 + tC
–
2TCL- 20 + tC
–ns
t24
CC
Data hold after WR
5.625 + tF
–TCL - 10+ tF
–ns
t26
CC
ALE rising edge after RD, WR
-10 + tF
–
-10 + tF
–ns
t28
CC
Address/Unlatched CS hold
after RD, WR 2
0 (no tF)
-5 + tF
(tF > 0)
–
0 (no tF)
-5 + tF
(tF > 0)
–ns
t28h
CC
Address/Unlatched CS hold
after WRH
-5 + tF
–-5 + tF
–ns
t38
CC
ALE falling edge to Latched
CS
-4 - tA
10 - tA
-4 - tA
10 - tA
ns
t39
SR
Latched CS low to Valid Data
In
–
26.875 + tC+
2tA
–
3TCL - 20
+ tC + 2tA
ns
t41
CC
Latched CS hold after RD,
WR
1.625 + tF
–TCL - 14 + tF
–ns
t82
CC
Address setup to RdCS,
WrCS
(with RW-delay)
17.25 + 2tA
–
2TCL - 14 + 2tA
–ns
t83
CC
Address setup to RdCS,
WrCS
(no RW-delay)
1.625 + 2tA
–TCL -14 + 2tA
–ns
t46
SR
RdCS to Valid Data In
(with RW-delay)
–
7.25 + tC
–
2TCL - 24 + tC
ns
t47
SR
RdCS to Valid Data In
(no RW-delay)
–
22.875 + tC
–
3TCL - 24 + tC
ns
Symbol
Parameter
Maximum CPU Clock =
32MHz
Variable CPU Clock
1/2 TCL = 1 to 32MHz
Unit
Minimum
Maximum
Minimum
Maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com