Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST10F269Z1T6 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST10F269Z1T6
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1T6 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST10F269Z1T6 Datasheet HTML 176Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 177Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 178Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 179Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 180Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 181Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 182Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 183Page - STMicroelectronics ST10F269Z1T6 Datasheet HTML 184Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 181 / 184 page
background image
181/184
September 2003
1 - DESCRIPTION
This Errata sheet describes the functional and electrical problems known in the D revision of the
ST10F269Zxxx.
The revision number can be found in the third line on the ST10F269 package. It looks like: ’xxxxxxxxx D’
where "D" identifies the revision number.
2 - FUNCTIONAL PROBLEMS
The following malfunctions are known in this step:
2.1 - PWRDN.1 - Execution of PWRDN Instruction
When instruction PWRDN is executed while pin NMI is at a high level (if PWRDCFG bit is clear in
SYSCON register) or while at least one of the port 2 pins used to exit from power-down mode (if PWRD-
CFG bit is set in SYSCON register) is at the active level, power down mode is not entered, and the
PWRDN instruction is ignored.
However, under the conditions described below, the PWRDN instruction is not ignored, and no further
instructions are fetched from external memory, i.e. the CPU is in a quasi-idle state.
This problem only occurs in the following situations:
a) The instructions following the PWRDN instruction are located in an external memory, and a multi-
plexed bus configuration with memory tristate waitstate (bit MT-TCx = 0) is used.
Or
b) The instruction preceeding the PWRDN instruction writes to external memory or an XPeripheral
(XRAM,CAN), and the instructions following the PWRDN instruction are located in external memory.
In this case, the problem occurs for any bus configuration.
Note: The on-chip peripherals are still working correctly, in particular the Watchdog Timer, if not disabled,
resets the device upon an overflow. Interrupts and PEC transfers, however, cannot be processed. In case
NMI is asserted low while the device is in this quasi-idle state, power-down mode is entered.
No problem occurs if the NMI pin is low (if PWRDCFG = 0) or if all P2 pins used to exit from power-down
mode are at inactive level (if PWRDCFG = 1): the chip normally enters powerdown mode.
Workaround:
Ensure that no instruction that writes to external memory or an XPeripheral preceeds the PWRDN
instruction, otherwise insert a NOP instruction in front of PWRDN. When a multiplexed bus with memory
tristate wait state is used, the PWRDN instruction must be executed from internal RAM or XRAM.
ERRATA SHEET
ST10F269Zxxx-D
LIMITATIONS AND CORRECTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com