Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J9TC Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST72321J9TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J9TC Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST72321J9TC Datasheet HTML 138Page - STMicroelectronics ST72321J9TC Datasheet HTML 139Page - STMicroelectronics ST72321J9TC Datasheet HTML 140Page - STMicroelectronics ST72321J9TC Datasheet HTML 141Page - STMicroelectronics ST72321J9TC Datasheet HTML 142Page - STMicroelectronics ST72321J9TC Datasheet HTML 143Page - STMicroelectronics ST72321J9TC Datasheet HTML 144Page - STMicroelectronics ST72321J9TC Datasheet HTML 145Page - STMicroelectronics ST72321J9TC Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 189 page
background image
ST72321
142/189
12.3.3 Auxiliary Voltage Detector (AVD) Thresholds
Subject to general operating conditions for VDD, fCPU, and TA.
1. Data based on characterization results, tested in production for ROM devices only.
12.3.4 External Voltage Detector (EVD) Thresholds
Subject to general operating conditions for VDD, fCPU, and TA.
1. Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
VD level = High in option byte
4.4 1)
4.6
4.9
V
VD level = Med. in option byte
VD level = Low in option byte
3.95 1)
3.4 1)
4.15
3.6
4.41)
3.81)
VIT-(AVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
VD level = High in option byte
4.2
4.4
4.65 1)
VD level = Med. in option byte
VD level = Low in option byte
3.751)
3.21)
4.0
3.4
4.2 1)
3.6 1)
Vhys(AVD)
AVD voltage threshold hysteresis
VIT+(AVD)-VIT-(AVD)
200
mV
∆V
IT-
Voltage drop between AVD flag set
and LVD reset activated
VIT-(AVD)-VIT-(LVD)
450
mV
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(EVD)
1
⇒0 AVDF flag toggle threshold
(VDD rise)
1)
1.15
1.26
1.35
V
VIT-(EVD)
0
⇒1 AVDF flag toggle threshold
(VDD fall)
1)
1.1
1.2
1.3
Vhys(EVD)
EVD voltage threshold hysteresis
VIT+(EVD)-VIT-(EVD)
200
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com