Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J9TC Datasheet(PDF) 151 Page - STMicroelectronics

Part # ST72321J9TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J9TC Datasheet(HTML) 151 Page - STMicroelectronics

Back Button ST72321J9TC Datasheet HTML 147Page - STMicroelectronics ST72321J9TC Datasheet HTML 148Page - STMicroelectronics ST72321J9TC Datasheet HTML 149Page - STMicroelectronics ST72321J9TC Datasheet HTML 150Page - STMicroelectronics ST72321J9TC Datasheet HTML 151Page - STMicroelectronics ST72321J9TC Datasheet HTML 152Page - STMicroelectronics ST72321J9TC Datasheet HTML 153Page - STMicroelectronics ST72321J9TC Datasheet HTML 154Page - STMicroelectronics ST72321J9TC Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 189 page
background image
ST72321
151/189
CLOCK CHARACTERISTICS (Cont’d)
12.5.5 Clock Security System (CSS)
Note:
1. Data based on characterization results.
12.5.6 PLL Characteristics
Note:
1. Data characterized but not tested.
The user must take the PLL jitter into account in the application (for example in serial communication or
sampling of high frequency signals). The PLL jitter is a periodic effect, which is integrated over several
CPU cycles. Therefore the longer the period of the application signal, the less it will be impacted by the
PLL jitter.
Figure 80 shows the PLL jitter integrated on application signals in the range 125kHz to 2MHz. At frequen-
cies of less than 125KHz, the jitter is negligible.
Figure 80. Integrated PLL Jitter vs signal frequency1
Note 1: Measurement conditions: fCPU = 8MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSFOSC
Safe Oscillator Frequency 1)
3MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fOSC
PLL input frequency range
2
4
MHz
∆ f
CPU/ fCPU
Instantaneous PLL jitter 1)
fOSC = 4 MHz.
1.0
2.5
%
fOSC = 2 MHz.
2.5
4.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
4 MHz
2 MHz
1 MHz
500 kHz
250 kHz
Application Frequency
+/-Jitter (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com