Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72321J9TC Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST72321J9TC
Description  64/44-PIN 8-BIT MCU WITH 32 TO 60K FLASH/ROM, ADC,FIVE TIMERS, SPI, SCI, I2C INTERFACE
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72321J9TC Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST72321J9TC Datasheet HTML 171Page - STMicroelectronics ST72321J9TC Datasheet HTML 172Page - STMicroelectronics ST72321J9TC Datasheet HTML 173Page - STMicroelectronics ST72321J9TC Datasheet HTML 174Page - STMicroelectronics ST72321J9TC Datasheet HTML 175Page - STMicroelectronics ST72321J9TC Datasheet HTML 176Page - STMicroelectronics ST72321J9TC Datasheet HTML 177Page - STMicroelectronics ST72321J9TC Datasheet HTML 178Page - STMicroelectronics ST72321J9TC Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 189 page
background image
ST72321
175/189
14 ST72321 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM/FASTROM).
ST72321 devices are ROM versions. ST72P321
devices are Factory Advanced Service Technique
ROM (FASTROM) versions: they are factory-pro-
grammed HDFlash devices. FLASH devices are
shipped to customers with a default content, while
ROM/FASTROM factory coded parts contain the
code supplied by the customer. This implies that
FLASH devices have to be configured by the cus-
tomer using the Option Bytes while the ROM/FAS-
TROM devices are factory-configured.
14.1 FLASH OPTION BYTES
The option bytes allow the hardware configuration
of the microcontroller to be selected. They have no
address in the memory map and can be accessed
only in programming mode (for example using a
standard ST7 programming tool). The default con-
tent of the FLASH is fixed to FFh. To program the
FLASH devices directly using ICP, FLASH devices
are shipped to customers with the internal RC
clock source enabled. In masked ROM devices,
the option bytes are fixed in hardware by the ROM
code (see option list).
OPTION BYTE 0
OPT7= WDG HALT Watchdog and HALT mode
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT6= WDG SW Hardware or software watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT5 = CSS Clock security system on/off
This option bit enables or disables the clock secu-
rity system function (CSS) which includes the
clock filter and the backup safe oscillator.
0: CSS enabled
1: CSS disabled
Caution: The CSS function is not guaranteed. Re-
fer to Section 15
OPT4:3= VD[1:0] Voltage detection
These option bits enable the voltage detection
block (LVD, and AVD) with a selected threshold for
the LVD and AVD (EVD+AVD).
Caution: If the medium or low thresholds are se-
lected, the detection may occur outside the speci-
fied operating voltage range. Below 3.8V, device
operation is not guaranteed. For details on the
AVD and LVD threshold levels refer to section
12.3.2 on page 141
OPT2 = Reserved, must be kept at default value.
OPT1= PKG0 Package selection bit 0
This option bit is used to select the package (see
table in PKG1 option bit description).
STATIC OPTION BYTE 0
70
STATIC OPTION BYTE
170
WDG
VD
OSCTYPE
OSCRANGE
10
1
0
2
10
Default
1
11
00
1
1
1
1
1
1
0
1
1
1
1
Selected Low Voltage Detector
VD1
VD0
LVD and AVD Off
1
1
Lowest Threshold: (VDD~3V)
1
0
Med. Threshold (VDD~3.5V)
0
1
Highest Threshold (VDD~4V)
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com