Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BH2T1 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST7263BH2T1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BH2T1 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST7263BH2T1 Datasheet HTML 114Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 115Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 116Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 117Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 118Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 119Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 120Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 121Page - STMicroelectronics ST7263BH2T1 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
118/145
Figure 59. Typ. RPU vs. VDD
14.8.2 Output driving current
Subject to general operating condition for VDD, fCPU, and TA unless otherwise specified.
Notes:
1. The IIO current sunk must always respect the absolute maximum rating specified in Section 14.2 and the sum of IIO (I/
O ports and control pins) must not exceed IVSS.
2. The IIO current sourced must always respect the absolute maximum rating specified in Section 14.2 and the sum of IIO
(I/O ports and control pins) must not exceed IVDD. True open drain I/O pins does not have VOH.
3. The minimum VOH value (with IIO=-10mA) depends on the chosen device type. For Flash devices, min = VDD - 1.3 V
and for ROM devices, min = VDD - 1.7 V
Rpu (KOhm)
0
20
40
60
80
100
120
140
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)
Symbol
Parameter
Conditions
Min
Max
Unit
VOL
1)
Output low level voltage for a standard I/O pin
when up to 8 pins are sunk at the same time, Port
A0, Port A(3:7), Port C(0:2), Port D(0:7)
IIO=+1.6mA
0.4
V
Output low level voltage for a high sink I/O pin
when up to 4 pins are sunk at the same time, Port
B(0:7)
IIO=+10mA
1.3
Output low level voltage for a very high sink I/O
pin when up to 2 pins are sunk at the same time,
Port A1, Port A2
IIO=+25mA
1.5
VOH
2)
Output high level voltage for an I/O pin
when up to 8 pins are sourced at same time
IIO=-10mA
VDD-1.3
3)
IIO=-1.6mA
VDD-0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com