Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7263BE4B1 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST7263BE4B1
Description  Low speed USB 8-bit MCU family with up to 32K Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI & I짼C
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BE4B1 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST7263BE4B1 Datasheet HTML 107Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 108Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 109Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 110Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 111Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 112Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 113Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 114Page - STMicroelectronics ST7263BE4B1 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 145 page
background image
ST7263BDx ST7263BHx ST7263BKx ST7263BE
111/145
14.4 Supply current characteristics
The following current consumption specified for
the ST7 functional operating modes over tempera-
ture range does not take into account the clock
source current consumption. To get the total de-
vice consumption, the two current values must be
added (except for Halt mode for which the clock is
stopped).
Notes:
1. Oscillator and watchdog running. All others peripherals disabled.
2. USB Transceiver and ADC are powered down.
3. Not tested in production, guaranteed by characterization.
4. CPU in Halt mode. Current consumption of external pull-up (1.5Kohms to USBVCC) and pull-down (15Kohms to
VSSA) not included.
Figure 52. Typ. IDD in Run at 4 and 8 MHz fCPU
Figure 53. Typ. IDD in Wait at 4 and 8 MHz fCPU
Symbol
Parameter
Conditions
Typ
Max
Unit
∆I
DD(
∆Ta) Supply current variation vs. temperature
Constant VDD and fCPU
10 3)
%
IDD
CPU Run mode
I/Os in input mode
fCPU = 4 MHz
7.5
9 1)3)
mA
fCPU = 8 MHz
10.5
13 1)
CPU Wait mode
fCPU = 4 MHz
6
8 3)
mA
fCPU = 8 MHz
8.5
11 1)
CPU Halt mode 2)
LVD disabled
25
40 3)
µA
USB Suspend mode 4)
LVD disabled
100
120
µA
LVD enabled
230
Idd Run (mA) at fcpu=4 and 8MHz
0
2
4
6
8
10
12
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)
8MHz
4MHz
Idd WFI (mA) at fcpu=4 and 8MHz
0
2
4
6
8
10
4
4.2
4.4
4.6
4.8
5
5.2
5.4
Vdd (V)
8MHz
4MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com