Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 380 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 380 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 376Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 377Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 378Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 379Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 380Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 381Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 382Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 383Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 384Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 380 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-72
Freescale Semiconductor
The following registers should be accessed only from the 60x bus and only in agent mode. Accesses while
in host mode or from the PCI bus have undefined results.
9.12.3.2.1
Inbound Free_FIFO Head Pointer Register (IFHPR) and
Inbound Free_FIFO Tail Pointer Register (IFTPR)
The inbound free list FIFO holds the list of empty inbound MFAs. The external PCI master reads IFQPR
(refer to Section 9.12.3.4.1, “Inbound FIFO Queue Port Register (IFQPR)”) which returns the MFA
pointed to by the inbound free list tail pointer register, (IFTPR+QBAR). The PCI bridge’s I2O unit then
advances IFTPR.
If the inbound free list is empty (no free MFA entries), the unit returns 0xFFFF_FFFF.
Free MFAs from the local processor are posted to the inbound free list FIFO that is pointed to by the
inbound free_FIFO head pointer register, described in Figure 9-65 and Table 9-50. The local processor is
responsible for updating this register.
Figure 9-65. Inbound Free_FIFO Head Pointer Register (IFHPR)
Free MFAs are picked up by the PCI masters that are pointed to by the inbound free_FIFO tail pointer,
described in Figure 9-66 and Table 9-51. The PCI read is performed at the inbound queue port. Hardware
automatically advances this register after every read.
31
20
19
16
Field
QBA
IFHP
Reset
0000_0000_0000_0000
R/W
R
R/W
Addr
0x104A2
15
21
0
Field
IFHP
—
Reset
0000_0000_0000_0000
R/W
R/W
R
Addr
0x104A0
Table 9-50. IFHPR Field Descriptions
Bits
Name
Description
31–20
QBA
Queue base address. When read returns the contents of QBAR bits 31-20.
19–2
IFHP
Inbound free_fifo head pointer. Local memory offset of the head pointer of the inbound free list
FIFO.
1–0
—
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com