Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 872 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 872 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 868Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 869Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 870Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 871Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 872Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 873Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 874Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 875Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 876Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 872 / 1386 page
background image
Serial Management Controllers (SMCs)
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
28-18
Freescale Semiconductor
to 3. To send three UART characters of 9-bit data, 1 start, and 1 stop, the data length field should 6, because
the three 9-bit data fields occupy three half words in memory (the 9 least-significant bits of each half
word).
Tx data buffer pointer points to the first location of the buffer. It can be even or odd, unless the number of
data bits in the UART character is greater than 8 bits. Then the buffer pointer must be even. For instance,
the pointer to 8-bit data, 1 start, and 1 stop characters can be even or odd, but the pointer to 9-bit data,
1 start, and 1 stop characters must be even. The buffer can reside in internal or external memory.
28.3.11 SMC UART Event Register (SMCE)/Mask Register (SMCM)
The SMC event register (SMCE) generates interrupts and report events recognized by the SMC UART
channel. When an event is recognized, the SMC UART controller sets the corresponding SMCE bit. Bits
are cleared by writing a 1; writing 0 has no effect. The SMC mask register (SMCM) has the same bit format
as SMCE. Setting an SMCM bit enables, and clearing it disables, the corresponding interrupt. All
unmasked bits must be cleared before the CP clears the internal interrupt request. Figure 28-9 represents
the SMCE/SMCM registers.
Table 28-9 describes SMCE/SMCM fields.
01234567
Field
—
BRKE
—
BRK
—
BSY
TXB
RXB
Reset
0
R/W
R/W
Addr
0x11A86 (SMCE1), 0x11A96 (SMCE2)/ 0x11A8A (SMCM1), 0x11A9A (SMCM2)
Figure 28-9. SMC UART Event Register (SMCE)/Mask Register (SMCM)
Table 28-9. SMCE/SMCM Field Descriptions
Bits
Name
Description
0
—
Reserved, should be cleared.
1
BRKE
Break end. Set no sooner than after one idle bit is received after the break sequence.
2
—
Reserved, should be cleared.
3
BRK
Break character received. Set when a break character is received. If a very long break sequence
occurs, this interrupt occurs only once after the first all-zeros character is received.
4
—
Reserved, should be cleared.
5
BSY
Busy condition. Set when a character is received and discarded due to a lack of buffers. Set no
sooner than the middle of the last stop bit of the first receive character for which there is no available
buffer. Reception resumes when an empty buffer is provided.
6
TXB
Tx buffer. Set when the transmit data of the last character in the buffer is written to the transmit FIFO.
Wait two character times to ensure that data is completely sent over the transmit signal.
7
RXB
Rx buffer. Set when a buffer is received and its associated RxBD is closed. Set no sooner than the
middle of the last stop bit of the last character that is written to the receive buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com