Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 979 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 979 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 975Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 976Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 977Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 978Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 979Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 980Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 981Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 982Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 983Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 979 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-19
Figure 31-9 shows a flowchart of the ATM cell flow.
Figure 31-9. ATM Address Recognition Flowchart
NOTE
Even reserved VCI channels should appear in the CAM or address
compression tables; otherwise, a cell on a reserved channel will be
considered misinserted.
31.5
Available Bit Rate (ABR) Flow Control
While CBR service provides a fixed bandwidth and is useful for real-time applications with strictly
bounded end-to-end cell transfer delay and cell-delay variation, ABR service is intended for data
applications that can adapt to time-varying bandwidth and can tolerate significant cell transfer delay and
cell delay variation. The MPC8280 implements the two following mechanisms defined by the ATM Forum
TM 4.0 rate-based flow control.
•
Explicit forward congestion indication (EFCI). The network supplies binary indication of whether
congestion occurred along the connection path. This information is carried in the PTI field of the
ATM cell header (similar to that used in frame relay). The source initially clears each ATM cell’s
EFCI bit, but as the cell passes through the connection, any congested node can set it. The
MPC8280 detects this indication and sets the congestion indication (CI) bit in the next backwards
RM cell to signal the source end station to reduce its transmission rate.
•
Explicit rate (ER) feedback. The network carries explicit bandwidth information, to allow the
source to adjust its rate. The source sends forward RM cells specifying its chosen transmit rate
No
PTI=1xx or
VCI=3,4,6,7-15
and filter enable
Yes
Check
address
No
Match
Yes
Discard
cell
Send cell to VC
queue
Send cell to raw
cell queue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com