Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8280 Datasheet(PDF) 1347 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1347 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1343Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1344Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1345Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1346Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1347Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1348Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1349Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1350Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1351Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1347 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
Glossary-3
Direct-mapped cache. A cache in which each main memory address can appear in only
one location within the cache. Operates more quickly when the memory request is
a cache hit.
Direct-store. Interface available on processors that implement the PowerPC architecture
only to support direct-store devices from the POWER architecture. When the T bit
of a segment descriptor is set, the descriptor defines the region of memory that will
be a direct-store segment. Note that this facility is being phased out of the
architecture and will not likely be supported in future devices. Therefore, software
should not depend on it and new software should not use it.
E
Effective address (EA). The 32- or 64-bit address specified for a load, store, or an
instruction fetch. This address is then submitted to the MMU for translation to
either a physical memory address or an I/O address.
Exception. A condition encountered by the processor that requires special, supervisor-level
processing.
Exception handler. A software routine that executes when an exception is taken.
Normally, the exception handler corrects the condition that caused the exception,
or performs some other meaningful task (that may include aborting the program
that caused the exception). The address for each exception handler is identified by
an exception vector offset defined by the architecture and a prefix selected via the
MSR.
Extended opcode. A secondary opcode field generally located in instruction bits 21–30
that further defines the instruction type. All PowerPC instructions are one word in
length. The most significant 6 bits of the instruction are the primary opcode,
identifying the type of instruction. See also Primary opcode.
Execution synchronization. A mechanism by which all instructions in execution are
architecturally complete before beginning execution (appearing to begin
execution) of the next instruction. Similar to context synchronization but doesn't
force the contents of the instruction buffers to be deleted and refetched.
Exponent. In the binary representation of a floating-point number, the exponent is the
component that normally signifies the integer power to which the value 2 is raised
in determining the value of the represented number. See also Biased exponent.
F
Fetch. Retrieving instructions from either the cache or main memory and placing them into
the instruction queue.
Fully-associative. Addressing scheme in which every cache location (every byte) can have
any possible address.
G
General-purpose register (GPR). Any of the 32 registers in the general-purpose register
file. These registers provide the source operands and destination results for all



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com