Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC8270 Datasheet(PDF) 304 Page - Freescale Semiconductor, Inc

Part # MPC8270
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8270 Datasheet(HTML) 304 Page - Freescale Semiconductor, Inc

Back Button MPC8270 Datasheet HTML 300Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 301Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 302Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8270 Datasheet HTML 308Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
8-28
Freescale Semiconductor
Figure 8-10 shows a burst transfer to a 32-bit port. Each double-word burst beat is divided into two
port-sized beats such that the four double words are transferred in eight beats.
Figure 8-10. Burst Transfer to 32-Bit Port Size
8.5.6
Data Bus Termination by Assertion of TEA
If a device initiates a transaction that is not supported by the MPC8280, the MPC8280 signals an error by
asserting TEA. Because the assertion of TEA is sampled by the device only during the data tenure of the
bus transaction, the MPC8280 ensures that the device master receives a qualified data bus grant by
asserting DBG before asserting TEA. The data tenure is terminated by a single assertion of TEA regardless
of the port size or whether the data tenure is a single-beat or burst transaction. This sequence is shown in
Figure 8-11.. In Figure 8-11. the data bus is busy at the beginning of the transaction, thus delaying the
assertion of DBG. Note that data errors (parity and ECC) are reported not by assertion of TEA but by
assertion of MCP.
Because the assertion of TEA is sampled by the device only during the data tenure of the bus transaction,
the MPC8280 ensures that the device receives a qualified data bus grant by asserting DBG before asserting
TEA. The data tenure is terminated by a single assertion of TEA regardless of the port size or whether the
data tenure is a single-beat or burst transaction.
CLKOUT
ADDR + ATTR
TS
AACK
DBG
PSDVAL
D[0–31]
TA
D0
D1
D2
D3
D4
D5
D6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com