| Electronic Components Datasheet Search |
|
S312XDP512F0MPVR Datasheet(PDF) 210 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S312XDP512F0MPVR Datasheet(HTML) 210 Page - Freescale Semiconductor, Inc |
|
210 / 1350 page ![]() Chapter 6 XGATE (S12XGATEV2) MC9S12XDP512 Data Sheet, Rev. 2.17 210 Freescale Semiconductor 6.8.1.4 Immediate 4 Bit Wide (IMM4) The 4 bit wide immediate addressing mode is supported by all shift instructions. RD = RD ∗ imm4 Examples: LSL R4,#1 ; R4 = R4 << 1; shift register R4 by 1 bit to the left LSR R4,#3 ; R4 = R4 >> 3; shift register R4 by 3 bits to the right 6.8.1.5 Immediate 8 Bit Wide (IMM8) The 8 bit wide immediate addressing mode is supported by four major commands (ADD, SUB, LD, CMP). RD = RD ∗ imm8 Examples: ADDL R1,#1 ; adds an 8 bit value to register R1 SUBL R2,#2 ; subtracts an 8 bit value from register R2 LDH R3,#3 ; loads an 8 bit immediate into the high byte of Register R3 CMPL R4,#4 ; compares the low byte of register R4 with an immediate value 6.8.1.6 Immediate 16 Bit Wide (IMM16) The 16 bit wide immediate addressing mode is a construct to simplify assembler code. Instructions which offer this mode are translated into two opcodes using the eight bit wide immediate addressing mode. RD = RD ∗ imm16 Examples: LDW R4,#$1234 ; translated to LDL R4,#$34; LDH R4,#$12 ADD R4,#$5678 ; translated to ADDL R4,#$78; ADDH R4,#$56 6.8.1.7 Monadic Addressing (MON) In this addressing mode only one operand is explicitly given. This operand can either be the source (f(RD)), the target (RD = f()), or both source and target of the operation (RD = f(RD)). Examples: JAL R1 ; PC = R1, R1 = PC+2 SIF R2 ; Trigger IRQ associated with the channel number in R2.L |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |