Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S312XDP512F0MPVR Datasheet(PDF) 360 Page - Freescale Semiconductor, Inc

Part # S312XDP512F0MPVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

S312XDP512F0MPVR Datasheet(HTML) 360 Page - Freescale Semiconductor, Inc

Back Button S312XDP512F0MPVR Datasheet HTML 356Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 357Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 358Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 359Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 360Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 361Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 362Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 363Page - Freescale Semiconductor, Inc S312XDP512F0MPVR Datasheet HTML 364Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 360 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
360
Freescale Semiconductor
7.4.1.6
Flag Clearing Mechanisms
The flags in the ECT can be cleared one of two ways:
1. Normal flag clearing mechanism (TFFCA = 0)
Any of the ECT flags can be cleared by writing a one to the flag.
2. Fast flag clearing mechanism (TFFCA = 1)
With the timer fast flag clear all (TFFCA) enabled, the ECT flags can only be cleared by accessing
the various registers associated with the ECT modes of operation as described below. The flags
cannot be cleared via the normal flag clearing mechanism. This fast flag clearing mechanism has
the advantage of eliminating the software overhead required by a separate clear sequence. Extra
care must be taken to avoid accidental flag clearing due to unintended accesses.
— Input capture
A read from an input capture channel register causes the corresponding channel flag, CxF, to
be cleared in the TFLG1 register.
— Output compare
A write to the output compare channel register causes the corresponding channel flag, CxF, to
be cleared in the TFLG1 register.
— Timer counter
Any access to the TCNT register clears the TOF flag in the TFLG2 register.
— Pulse accumulator A
Any access to the PACN3 and PACN2 registers clears the PAOVF and PAIF flags in the
PAFLG register.
— Pulse accumulator B
Any access to the PACN1 and PACN0 registers clears the PBOVF flag in the PBFLG register.
— Modulus down counter
Any access to the MCCNT register clears the MCZF flag in the MCFLG register.
7.4.2
Reset
The reset state of each individual bit is listed within the register description section (Section 7.3, “Memory
Map and Register Definition”) which details the registers and their bit-fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com