| Electronic Components Datasheet Search |
|
S312XDP512F0MPVR Datasheet(PDF) 596 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S312XDP512F0MPVR Datasheet(HTML) 596 Page - Freescale Semiconductor, Inc |
|
596 / 1350 page ![]() Chapter 16 Interrupt (S12XINTV1) MC9S12XDP512 Data Sheet, Rev. 2.17 596 Freescale Semiconductor 16.1.1 Glossary The following terms and abbreviations are used in the document. 16.1.2 Features • Interrupt vector base register (IVBR) • One spurious interrupt vector (at address vector base1 + 0x0010). • 2–113 I bit maskable interrupt vector requests (at addresses vector base + 0x0012–0x00F2). • Each I bit maskable interrupt request has a configurable priority level and can be configured to be handled by either the CPU or the XGATE module2. • I bit maskable interrupts can be nested, depending on their priority levels. • One X bit maskable interrupt vector request (at address vector base + 0x00F4). • One non-maskable software interrupt request (SWI) or background debug mode vector request (at address vector base + 0x00F6). • One non-maskable unimplemented opcode trap (TRAP) vector (at address vector base + 0x00F8). • Three system reset vectors (at addresses 0xFFFA–0xFFFE). • Determines the highest priority DMA and interrupt vector requests, drives the vector to the XGATE module or to the bus on CPU request, respectively. • Wakes up the system from stop or wait mode when an appropriate interrupt request occurs or whenever XIRQ is asserted, even if X interrupt is masked. • XGATE can wake up and execute code, even with the CPU remaining in stop or wait mode. 16.1.3 Modes of Operation • Run mode This is the basic mode of operation. Table 16-1. Terminology Term Meaning CCR Condition Code Register (in the S12X CPU) DMA Direct Memory Access INT Interrupt IPL Interrupt Processing Level ISR Interrupt Service Routine MCU Micro-Controller Unit XGATE please refer to the "XGATE Block Guide" IRQ refers to the interrupt request associated with the IRQ pin XIRQ refers to the interrupt request associated with the XIRQ pin 1. The vector base is a 16-bit address which is accumulated from the contents of the interrupt vector base register (IVBR, used as upper byte) and 0x00 (used as lower byte). 2. The IRQ interrupt can only be handled by the CPU |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |