Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 215 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 215 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 211Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 212Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 213Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 214Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 215Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 216Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 217Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 218Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 219Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 1350 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
215
6.8.3
Cycle Notation
Table 6-16 show the XGATE access detail notation. Each code letter equals one XGATE cycle. Each letter
implies additional wait cycles if memories or peripherals are not accessible. Memories or peripherals are
not accessible if they are blocked by the S12X_CPU. In addition to this Peripherals are only accessible
every other XGATE cycle. Uppercase letters denote 16 bit operations. Lowercase letters denote 8 bit
operations. The XGATE is able to perform two bus or wait cycles per S12X_CPU cycle.
6.8.4
Thread Execution
When the RISC core is triggered by an interrupt request (see Figure 6-1) it first executes a vector fetch
sequence which performs three bus accesses:
1. A V-cycle to fetch the initial content of the program counter.
2. A V-cycle to fetch the initial content of the data segment pointer (R1).
3. A P-cycle to load the initial opcode.
Afterwards a sequence of instructions (thread) is executed which is terminated by an "RTS" instruction. If
further interrupt requests are pending after a thread has been terminated, a new vector fetch will be
performed. Otherwise the RISC core will idle until a new interrupt request is received. A thread can not be
interrupted by an interrupt request.
6.8.5
Instruction Glossary
This section describes the XGATE instruction set in alphabetical order.
Table 6-16. Access Detail Notation
V
— Vector fetch: always an aligned word read, lasts for at least one RISC core cycle
P
— Program word fetch: always an aligned word read, lasts for at least one RISC core cycle
r
— 8 bit data read: lasts for at least one RISC core cycle
R
— 16 bit data read: lasts for at least one RISC core cycle
w
— 8 bit data write: lasts for at least one RISC core cycle
W
— 16 bit data write: lasts for at least one RISC core cycle
A
— Alignment cycle: no read or write, lasts for zero or one RISC core cycles
f
— Free cycle: no read or write, lasts for one RISC core cycles
Special Cases
PP/P
— Branch: PP if branch taken, P if not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com