Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 332 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 332 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 328Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 329Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 330Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 331Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 332Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 333Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 334Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 335Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 336Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
332
Freescale Semiconductor
Read: Anytime
Write anytime for output compare function. Writes to these registers have no meaning or effect during
input capture.
All bits reset to zero.
Depending on the TIOS bit for the corresponding channel, these registers are used to latch the value of the
free-running counter when a defined transition is sensed by the corresponding input capture edge detector
or to trigger an output action for output compare.
7.3.2.15
16-Bit Pulse Accumulator A Control Register (PACTL)
Read: Anytime
Write: Anytime
All bits reset to zero.
15
14
13
12
11
10
9
8
R
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
W
Reset
00000000
Figure 7-33. Timer Input Capture/Output Compare Register 7 High (TC7)
76543210
R
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
W
Reset
00000000
Figure 7-34. Timer Input Capture/Output Compare Register 7 Low (TC7)
76543210
R0
PAEN
PAMOD
PEDGE
CLK1
CLK0
PAOVI
PAI
W
Reset
00000000
= Unimplemented or Reserved
Figure 7-35. 16-Bit Pulse Accumulator Control Register (PACTL)
Table 7-18. PACTL Field Descriptions
Field
Description
6
PAEN
Pulse Accumulator A System Enable — PAEN is independent from TEN. With timer disabled, the pulse
accumulator can still function unless pulse accumulator is disabled.
0 16-Bit Pulse Accumulator A system disabled. 8-bit PAC3 and PAC2 can be enabled when their related enable
bits in ICPAR are set. Pulse Accumulator Input Edge Flag (PAIF) function is disabled.
1 16-Bit Pulse Accumulator A system enabled. The two 8-bit pulse accumulators PAC3 and PAC2 are cascaded
to form the PACA 16-bit pulse accumulator. When PACA in enabled, the PACN3 and PACN2 registers contents
are respectively the high and low byte of the PACA. PA3EN and PA2EN control bits in ICPAR have no effect.
Pulse Accumulator Input Edge Flag (PAIF) function is enabled. The PACA shares the input pin with IC7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com