Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 344 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 344 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 340Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 341Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 342Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 343Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 344Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 345Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 346Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 347Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 348Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
344
Freescale Semiconductor
7.3.2.26
Precision Timer Modulus Counter Prescaler Select Register (PTMCPSR)
Read: Anytime
Write: Anytime
All bits reset to zero.
00000111
8
00001111
16
00011111
32
00111111
64
01111111
128
11111111
256
76543210
R
PTMPS7
PTMPS6
PTMPS5
PTMPS4
PTMPS3
PTMPS2
PTMPS1
PTMPS0
W
Reset
00000000
Figure 7-48. Precision Timer Modulus Counter Prescaler Select Register (PTMCPSR)
Table 7-33. PTMCPSR Field Descriptions
Field
Description
7:0
PTMPS[7:0]
Precision Timer Modulus Counter Prescaler Select Bits — These eight bits specify the division rate of the
modulus counter prescaler. These are effective only when the PRNT bit of TSCR1 is set to 1. Table 7-34 shows
some possible division rates.
The newly selected prescaler division rate will not be effective until a load of the load register into the modulus
counter count register occurs.
Table 7-34. Precision Timer Modulus Counter Prescaler Select Examples when PRNT = 1
PTMPS7
PTMPS6
PTMPS5
PTMPS4
PTMPS3
PTMPS2
PTMPS1
PTMPS0
Prescaler
Division
Rate
000000001
000000012
000000103
000000114
000001005
000001016
000001107
Table 7-32. Precision Timer Prescaler Selection Examples when PRNT = 1
PTPS7
PTPS6
PTPS5
PTPS4
PTPS3
PTPS2
PTPS1
PTPS0
Prescale
Factor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com