Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 361 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 361 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 357Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 358Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 359Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 360Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 361Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 362Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 363Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 364Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 365Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 1350 page
background image
Chapter 7 Enhanced Capture Timer (S12ECT16B8CV2)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
361
7.4.3
Interrupts
This section describes interrupts originated by the ECT block. The MCU must service the interrupt
requests. Table 7-37 lists the interrupts generated by the ECT to communicate with the MCU.
Table 7-37. ECT Interrupts
The ECT only originates interrupt requests. The following is a description of how the module makes a
request and how the MCU should acknowledge that request. The interrupt vector offset and interrupt
number are chip dependent.
7.4.3.1
Channel [7:0] Interrupt
This active high output will be asserted by the module to request a timer channel 7–0 interrupt to be
serviced by the system controller.
7.4.3.2
Modulus Counter Interrupt
This active high output will be asserted by the module to request a modulus counter underflow interrupt
to be serviced by the system controller.
7.4.3.3
Pulse Accumulator B Overflow Interrupt
This active high output will be asserted by the module to request a timer pulse accumulator B overflow
interrupt to be serviced by the system controller.
7.4.3.4
Pulse Accumulator A Input Interrupt
This active high output will be asserted by the module to request a timer pulse accumulator A input
interrupt to be serviced by the system controller.
7.4.3.5
Pulse Accumulator A Overflow Interrupt
This active high output will be asserted by the module to request a timer pulse accumulator A overflow
interrupt to be serviced by the system controller.
7.4.3.6
Timer Overflow Interrupt
This active high output will be asserted by the module to request a timer overflow interrupt to be serviced
by the system controller.
Interrupt Source
Description
Timer channel 7–0
Active high timer channel interrupts 7–0
Modulus counter underflow
Active high modulus counter interrupt
Pulse accumulator B overflow
Active high pulse accumulator B interrupt
Pulse accumulator A input
Active high pulse accumulator A input interrupt
Pulse accumulator A overflow
Pulse accumulator overflow interrupt
Timer overflow
Timer 0verflow interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com