Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 407 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 407 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 403Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 404Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 405Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 406Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 407Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 408Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 409Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 410Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 411Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 1350 page
background image
Chapter 9 Inter-Integrated Circuit (IICV2) Block Description
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
407
from where was during the previous transmission. It is not possible for the IIC to wake up the CPU when
its internal clocks are stopped.
If it were the case that the IBSWAI bit was cleared when the WAI instruction was executed, the IIC internal
clocks and interface would remain alive, continuing the operation which was currently underway. It is also
possible to configure the IIC such that it will wake up the CPU via an interrupt at the conclusion of the
current operation. See the discussion on the IBIF and IBIE bits in the IBSR and IBCR, respectively.
9.3.2.4
IIC Status Register (IBSR)
This status register is read-only with exception of bit 1 (IBIF) and bit 4 (IBAL), which are software
clearable.
76543210
R
TCF
IAAS
IBB
IBAL
0SRW
IBIF
RXAK
W
Reset
10000000
= Unimplemented or Reserved
Figure 9-7. IIC Bus Status Register (IBSR)
Table 9-7. IBSR Field Descriptions
Field
Description
7
TCF
Data Transferring Bit — While one byte of data is being transferred, this bit is cleared. It is set by the falling
edge of the 9th clock of a byte transfer. Note that this bit is only valid during or immediately following a transfer
to the IIC module or from the IIC module.
0 Transfer in progress
1 Transfer complete
6
IAAS
Addressed as a Slave Bit — When its own specific address (I-bus address register) is matched with the calling
address, this bit is set.The CPU is interrupted provided the IBIE is set.Then the CPU needs to check the SRW
bit and set its Tx/Rx mode accordingly.Writing to the I-bus control register clears this bit.
0 Not addressed
1 Addressed as a slave
5
IBB
Bus Busy Bit
0 This bit indicates the status of the bus. When a START signal is detected, the IBB is set. If a STOP signal is
detected, IBB is cleared and the bus enters idle state.
1 Bus is busy
4
IBAL
Arbitration Lost — The arbitration lost bit (IBAL) is set by hardware when the arbitration procedure is lost.
Arbitration is lost in the following circumstances:
1. SDA sampled low when the master drives a high during an address or data transmit cycle.
2. SDA sampled low when the master drives a high during the acknowledge bit of a data receive cycle.
3. A start cycle is attempted when the bus is busy.
4. A repeated start cycle is requested in slave mode.
5. A stop condition is detected when the master did not request it.
This bit must be cleared by software, by writing a one to it. A write of 0 has no effect on this bit.
3
RESERVED
Reserved — Bit 3 of IBSR is reserved for future use. A read operation on this bit will return 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com