Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC912XDP512F0CFVR Datasheet(PDF) 443 Page - Freescale Semiconductor, Inc

Part # PC912XDP512F0CFVR
Description  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CFVR Datasheet(HTML) 443 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CFVR Datasheet HTML 439Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 440Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 441Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 442Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 443Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 444Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 445Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 446Page - Freescale Semiconductor, Inc PC912XDP512F0CFVR Datasheet HTML 447Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 443 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
Freescale Semiconductor
443
10.3.2.18 MSCAN Identifier Mask Registers (CANIDMR0–CANIDMR7)
The identifier mask register specifies which of the corresponding bits in the identifier acceptance register
are relevant for acceptance filtering. To receive standard identifiers in 32 bit filter mode, it is required to
program the last three bits (AM[2:0]) in the mask registers CANIDMR1 and CANIDMR5 to “don’t care.”
To receive standard identifiers in 16 bit filter mode, it is required to program the last three bits (AM[2:0])
in the mask registers CANIDMR1, CANIDMR3, CANIDMR5, and CANIDMR7 to “don’t care.”
Table 10-21. CANIDAR4–CANIDAR7 Register Field Descriptions
Field
Description
7:0
AC[7:0]
Acceptance Code Bits — AC[7:0] comprise a user-defined sequence of bits with which the corresponding bits
of the related identifier register (IDRn) of the receive message buffer are compared. The result of this comparison
is then masked with the corresponding identifier mask register.
Module Base + 0x0014 (CANIDMR0)
0x0015 (CANIDMR1)
0x0016 (CANIDMR2)
0x0017 (CANIDMR3)
76543210
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
Reset
0
0
0
00000
76543210
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
Reset
0
0
0
00000
76543210
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
Reset
0
0
0
00000
76543210
R
AM7
AM6
AM5
AM4
AM3
AM2
AM1
AM0
W
Reset
0
0
0
00000
Figure 10-22. MSCAN Identifier Mask Registers (First Bank) — CANIDMR0–CANIDMR3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com